Electronic Components Datasheet Search
  English  ▼

X  

ES3880 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # ES3880
Description  Video CD MPEG Processor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ES3880 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  ES3880 Datasheet HTML 1Page - List of Unclassifed Manufacturers ES3880 Datasheet HTML 2Page - List of Unclassifed Manufacturers ES3880 Datasheet HTML 3Page - List of Unclassifed Manufacturers ES3880 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
© 2000 ESS Technology, Inc. All rights reserved.
SAM0191-052901
ES3880 PRODUCT BRIEF
BLOCK DIAGRAM
No part of this publication may be reproduced, stored in a
retrieval system, transmitted, or translated in any form or
by any means, electronic, mechanical, manual, optical, or
otherwise, without the prior written permission of ESS
Technology, Inc.
ESS Technology, Inc. makes no representations or
warranties regarding the content of this document.
All specifications are subject to change without prior
notice.
ESS Technology, Inc. assumes no responsibility for any
errors contained herein.
(P) U.S. Patent 4,384,169 and others, other patents
pending.
SmartScale™, SmartStream™, and VideoDrive™ are
trademarks of ESS Technology, Inc.
MPEG is the Moving Picture Experts Group of the ISO/
IEC. References to MPEG2 in this document refer to the
ISO/IEC 13818-1.
All other trademarks are owned by their respective
holders and are used for identification purposes only.
BLOCK DIAGRAM
Figure 3 provides a functional block diagram of the
ES3880.
Figure 3 ES3880 Functional Block Diagram
ORDERING INFORMATION
TDMDR
97
I
TDM serial data receive.
TDMFS
98
I
TDM frame sync.
CAS#
99
O
DRAM column address strobe.
Table 1
ES3880 Pin Descriptions List (Continued)
Name
Number
I/O
Definition
Part Number
Description
Package
ES3880
Video CD MPEG Processor
100-pin PQFP
DRAM DMA
Controller
DRAM Interface
Huffman
Decoder
64x32 ROM
32x32 SRAM
Registers
On Screen
MPEG
Video Output
2Kx32 ROM
512x32 SRAM
Processor
RISC
Serial Audio
TDM
Processor
Display
Interface
Interface
AOUT
ARFS
AIN
ATCLK
ACLK
AUX[7:0]
CPUCLK
DBUS[15:0]
CAS#
DOE#
RAS#
DWE#
HSYNC
LCS3#, LCS#[1:0]
LOE#
LA[17:0]
LWR#
LD[7:0]
DA[9:0]
PCLK2X
PCLK
RESET#
ATFS
SEL_PLL[1:0]
TDMCLK
TDMDR
VSYNC
YUV[7:0]
Serial
Audio
Interface
TDM
Interface
DRAM
AUX
Screen
Display
Misc.
Processor
Interface
TDMFS
ARCLK



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com