Electronic Components Datasheet Search
  English  ▼

X  

TAS5001 Datasheet(PDF) 6 Page - Texas Instruments

Part # TAS5001
Description  TRUE DIGITAL AUDIO AMPLIFIER TAS5001 DIGITAL AUDIO PWM PROCESSOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5001 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TAS5001 Datasheet HTML 2Page - Texas Instruments TAS5001 Datasheet HTML 3Page - Texas Instruments TAS5001 Datasheet HTML 4Page - Texas Instruments TAS5001 Datasheet HTML 5Page - Texas Instruments TAS5001 Datasheet HTML 6Page - Texas Instruments TAS5001 Datasheet HTML 7Page - Texas Instruments TAS5001 Datasheet HTML 8Page - Texas Instruments TAS5001 Datasheet HTML 9Page - Texas Instruments TAS5001 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
TAS5001
SLES009A – SEPTEMBER 2001 – REVISED DECEMBER 2001
6
www.ti.com
functional description (continued)
digital interpolation filter
The 24-bit high-performance linear phase FIR interpolation filter up-samples the input digital data at a rate of
four times (double speed mode = 88.2 kHz or 96 kHz), or eight times (normal mode = 32 kHz, 44.1 kHz, or 48
kHz) the incoming sample rate. This filter provides very low pass-band ripple and optimized time domain
transient response for accurate music reproduction.
digital PWM modulator
The interpolation filter output is sent to the modulator. This modulator consists of a high performance fourth order
digital noise shaper and a PCM-to-PWM converter. Following the noise shaper, the PCM signal is fed into a very
low distortion PCM-to-PWM conversion block, buffered, and output from the chip. The modulation scheme is
based on a 2-state control of the H-bridge output.
control, status, and operational modes
The TAS5001 control section consists of several control-input pins. Three serial mode pins (MOD0, MOD1, and
MOD2) are provided to select various serial data formats. During normal operating conditions if any of the
MOD0, MOD1, or MOD2 pins changes state, a reset sequence is initiated. Also provided are separate
power-down (PDN), reset (RESET), and mute (MUTE) pins.
power up
At power up the VALID_L and VALID_R pins are asserted low and the PWM outputs go to the hard mute state
in which the P outputs are held low and the M outputs are held high. Following initialization, the TAS5001 comes
up in the operational state (differential PWM audio). There are two cases of power-up timing. The first case is
shown in Figure 1 with RESET preceding PDN. The second case is shown in Figure 2 with PDN preceding
RESET.
Initialization Time = 100 ms max
RESET
PDN
VALID_L
VALID_R
Figure 1. Power-Up Timing (RESET Preceding PDN)
Initialization Time = 5 ms max
RESET
PDN
Greater Than 16 MCLK Periods
VALID_L
VALID_R
Figure 2. Power-Up Timing (PDN Preceding RESET)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com