Electronic Components Datasheet Search
  English  ▼

X  

TAS5001 Datasheet(PDF) 12 Page - Texas Instruments

Part # TAS5001
Description  TRUE DIGITAL AUDIO AMPLIFIER TAS5001 DIGITAL AUDIO PWM PROCESSOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5001 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TAS5001 Datasheet HTML 8Page - Texas Instruments TAS5001 Datasheet HTML 9Page - Texas Instruments TAS5001 Datasheet HTML 10Page - Texas Instruments TAS5001 Datasheet HTML 11Page - Texas Instruments TAS5001 Datasheet HTML 12Page - Texas Instruments TAS5001 Datasheet HTML 13Page - Texas Instruments TAS5001 Datasheet HTML 14Page - Texas Instruments TAS5001 Datasheet HTML 15Page - Texas Instruments TAS5001 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
TAS5001
SLES009A – SEPTEMBER 2001 – REVISED DECEMBER 2001
12
www.ti.com
absolute maximum ratings over operating free-air temperature (unless otherwise noted)†
Analog supply voltage range, AVDD1, AVDD2
– 0.3 V to 4.2 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Digital power supply voltage, DVDD1, DVDD2, DVDD3_L, DVDD3_R
– 0.3 V to 4.2 V
. . . . . . . . . . . . . . . . . . . . . . . . .
Digital input voltage, VI (see Note 1)
– 0.3 V to DVDDX + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature, TA
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature, Tstg
– 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
ESD
2000 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: DVDD1, DVDD2, DVDD3_L, DVDD3_R
recommended operating conditions, TA = 25°C, DVDD1 = DVDD2 = DVDD3_L = DVDD3_R = 3.3 V ±10%,
AVDD1 = AVDD2 = 3.3 V
±10%, Fs = 44.1 kHz
MIN
TYP
MAX
UNIT
Supply voltage
Digital
DVDDx‡
3
3.3
3.6
V
Supply current
Digital
Operating
22
mA
Supply current
Digital
Power down§
10
20
µA
Power dissipation
Digital
Operating
59.4
mW
Power dissipation
Digital
Power down§
6.6
72
µW
Supply voltage
Analog
AVDDx¶
3
3.3
3.6
V
Supply current
Analog
Operating
8
mA
Supply current
Analog
Power down§
10
100
µA
Power dissipation
Analog
Operating
26.4
mW
Power dissipation
Analog
Power down§
33
360
µW
‡ DVDD1, DVDD2, DVDD3_L, DVDD3_R
§ If the clocks are turned off
¶ AVDD1, AVDD2
electrical characteristics, TA = 25°C; DVDD1 = DVDD2 = DVDD3_L = DVDD3_R = 3.3 V ±10%,
AVDD1 = AVDD2 = 3.3 V
±10%
static digital specifications
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIH
High-level input voltage
2
DVDD
V
VIL
Low-level input voltage
0
0.8
V
VOH
High-level output voltage
IO = –1 mA
2.4
V
VOL
Low-level output voltage
IO = 4 mA
0.4
V
Ilkg
Input leakage current
–10
10
µA
digital interpolation filter and PWM modulator, Fs = 44.1 kHz
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Pass band
0
20
kHz
Pass-band ripple
±0.012
dB
Stop band
24.1
kHz
Stop-band attenuation
24.1 kHz to 152.3 kHz
50
dB
Group delay
700
µS
PWM modulation index (gain)
0.93
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com