Electronic Components Datasheet Search
  English  ▼

X  

IP1001 Datasheet(PDF) 14 Page - International Rectifier

Part # IP1001
Description  Full Function Synchronous Buck Power Block
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP1001 Datasheet(HTML) 14 Page - International Rectifier

Back Button IP1001 Datasheet HTML 10Page - International Rectifier IP1001 Datasheet HTML 11Page - International Rectifier IP1001 Datasheet HTML 12Page - International Rectifier IP1001 Datasheet HTML 13Page - International Rectifier IP1001 Datasheet HTML 14Page - International Rectifier IP1001 Datasheet HTML 15Page - International Rectifier IP1001 Datasheet HTML 16Page - International Rectifier IP1001 Datasheet HTML 17Page - International Rectifier IP1001 Datasheet HTML 18Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
www.irf.com
14
iP1001
The schematics in Fig.10a & 10b and complete Bill
of Materials in Table 4 are provided as a reference
design to enable a preliminary evaluation of iP1001.
They represent a simple method of applying the
iP1001 solution in a synchronous buck topology.
Fig. 10a shows the implementation for <5V
IN
nominal applications, and Fig. 10b shows the
implementation for 5V
IN
- 12V
IN
nominal
applications.
The connection pins are provided through the solder
balls on the bottom layer of the package. A total
power supply solution is presented with the addition
of inductor L1 and the output capacitors C11-C14.
Input capacitors C1-C10 are for bypassing in the
5V
IN - 12VIN application, but only C1-C3 are required
for <5V
IN applications (refer to the BOM for values).
Switches 1-5 of SW1 are used to program the output
voltage. Refer to the VID table provided in this
datasheet for the code that corresponds to the
desired output voltage. Resistors R2 & R4 need to
be removed for operation at standard VID levels
(0.925V - 2.0V, leave R3 = 0
Ω). Switch 8 of SW1
enables the output when floating (internally pulled
high). The 5V V
DD power terminal and input power
terminals are provided as separate inputs. They
can be connected together if the application
requires only 5V nominal input voltage.
The reference design also offers a higher output
voltage option for greater than 2.0V, up to 3.3V. For
output voltages above 2V, the DAC setting must be
set to 2V, and then select resistors R3 & R4 per
Equation 1 on page 10 for the desired output volt-
age. Remove R5 and connect V
F to VFS through R2,
where R2=0
Ω. In this case, GNDS should be refer-
enced to PGND. Tighter regulation can be achieved
by using resistors with less than 1% tolerance. For
Vin < 5V and Vout > 2V, the frequency select pin
(FREQ) must be set to 200kHz (connected to V
DD).
For applications with V
IN < 5V and where there is no
auxiliary 5V available, connections JP2 and JP3
must be provided in order to enable the boost cir-
cuit. This will provide 5V V
DD necessary for the
iP1001 internal logic to function. The boost circuit
will convert 3.3V input voltage to 5V, to power the
V
DD, and will provide enough power to supply the
internal logic for up to five iP1001 power blocks.
iP1001 Reference Design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com