Electronic Components Datasheet Search
  English  ▼

X  

IP1001 Datasheet(PDF) 15 Page - International Rectifier

Part # IP1001
Description  Full Function Synchronous Buck Power Block
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP1001 Datasheet(HTML) 15 Page - International Rectifier

Back Button IP1001 Datasheet HTML 10Page - International Rectifier IP1001 Datasheet HTML 11Page - International Rectifier IP1001 Datasheet HTML 12Page - International Rectifier IP1001 Datasheet HTML 13Page - International Rectifier IP1001 Datasheet HTML 14Page - International Rectifier IP1001 Datasheet HTML 15Page - International Rectifier IP1001 Datasheet HTML 16Page - International Rectifier IP1001 Datasheet HTML 17Page - International Rectifier IP1001 Datasheet HTML 18Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
www.irf.com
15
iP1001
C6
10uF
C5
10uF
C4
10uF
C3
10uF
L1
1.06uH
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
SW1
C16
0.1µF
C2
10uF
C1
10uF
R3
PGND
C11
470uF
D1
10MQ040N
R2
R5
R4
C7
10uF
C8
10uF
C9
10uF
C10
10uF
R6
0
R1
0
+5V
VOS
VO
D1
D2
GNDS
D4
ENABLE
D0
D3
VSW
PGOOD
VF
VFS
FREQ
ILIM
VIN
VOUT
PGND
TP3
TP4
TP5
TP2
TP1
iP1001
+5V
R7
340K, 1%
C12
470uF
C13
470uF
U1
25V
25V
25V
25V
25V
25V
25V
25V
25V
25V
C14
470uF
6.3V
6.3V
6.3V
6.3V
5-12V
Fig 10a. - Reference Design Schematic For <4.5V
IN
Fig 10b. - Reference Design Schematic For 5V
IN - 12VIN Nominal
C3
100uF
L1
1.06uH
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
SW1
C16
0.1µF
C2
100uF
C1
100uF
R3
PGND
C11
470uF
D1
10MQ040N
R2
R5
R4
R6
0
R1
0
+5V
VOS
VO
VIN
VOUT
PGND
TP3
TP4
TP5
TP2
TP1
iP1001
+5V
R7
340K, 1%
1
2
JP1
FB
1
LBI
2
LBO
3
REF
4
SHDN
5
GND
6
LX
7
OUT
8
U2
MAX1675
L2
22µH
C17
10µF
C20
1µF
C19
0.1µF
C18
10µF
JP2
JP3
R8
100K
R9
91K
C21
47pF
C12
470uF
C13
470uF
U1
Optional
6.3V
6.3V
6.3V
C14
470uF
6.3V
6.3V
6.3V
6.3V
3.3-4.5V
D1
D2
GNDS
D4
ENABLE
D0
D3
VSW
PGOOD
VF
VFS
FREQ
ILIM
iP1001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com