Electronic Components Datasheet Search
  English  ▼

X  

IR21592 Datasheet(PDF) 7 Page - International Rectifier

Part # IR21592
Description  DIMMING BALLAST CONTROL IC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR21592 Datasheet(HTML) 7 Page - International Rectifier

Back Button IR21592 Datasheet HTML 3Page - International Rectifier IR21592 Datasheet HTML 4Page - International Rectifier IR21592 Datasheet HTML 5Page - International Rectifier IR21592 Datasheet HTML 6Page - International Rectifier IR21592 Datasheet HTML 7Page - International Rectifier IR21592 Datasheet HTML 8Page - International Rectifier IR21592 Datasheet HTML 9Page - International Rectifier IR21592 Datasheet HTML 10Page - International Rectifier IR21592 Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
IR21592/IR21593(S)
www.irf.com
7
State Diagram
PREHEAT Mode
1/2-BridgeOscillator On
V
CSPK+VIPH (Peak Current Control)
CPH Charging@I
PH+1µA
DIM+Open Circuit
Over-Current Disabled
UVLO Mode
1/2-Bridge Off
IQCC=200mA
CPH=0V
Oscillator Off
FAULT Mode
Fault Latch Set
1/2-Bridge Off
I
QCC=240µA
CPH=0V
VCC=15.6V
Oscillator Off
DIM Mode
Phase
CS=PhaseREF
DIM=CPH
Over-Current Enabled
CPH > 5.1V
(End of PREHEAT Mode)
VCC < 10.9V
(VCC Fault or Power Down)
or
VDC < 3.0V
(dc Bus/ac Line Fault or Power Down)
or
SD > 2.0V
(Lamp Fault or Lamp Removal)
SD > 2.0V
(Lamp Removal)
or
VCC < 10.9V
(Power Turned Off)
CS > V
CSTH (1.6V)
(Failure to Strike Lamp
or Hard Switching)
or
T
J > 165C
(Over-Temperature)
T
J
> 165C
(Over-Temperature)
CS > V
CSTH
(1.6V)
(Over-Current or Hard Switching)
or
T
J
> 165C
(Over-Temperature)
V
CS>VIPH(enable ignition detection)
then
V
CS<VIPH(ignition detected)
VCC > 12.5V (UV+)
and
VDC > 5.1V
(Bus OK)
and
SD < 1.7V
(Lamp OK)
and
T
J
< 165C
(T
jmax
)
Power Turned On
IGNITION Mode
f
PH ramps to fMIN
CPH Charging@I
PH+1µA
DIM=Open Circuit
Over-Current Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com