Electronic Components Datasheet Search
  English  ▼

X  

IR21592 Datasheet(PDF) 18 Page - International Rectifier

Part # IR21592
Description  DIMMING BALLAST CONTROL IC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR21592 Datasheet(HTML) 18 Page - International Rectifier

Back Button IR21592 Datasheet HTML 14Page - International Rectifier IR21592 Datasheet HTML 15Page - International Rectifier IR21592 Datasheet HTML 16Page - International Rectifier IR21592 Datasheet HTML 17Page - International Rectifier IR21592 Datasheet HTML 18Page - International Rectifier IR21592 Datasheet HTML 19Page - International Rectifier IR21592 Datasheet HTML 20Page - International Rectifier IR21592 Datasheet HTML 21Page - International Rectifier IR21592 Datasheet HTML 22Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
IR21592/IR21593(S)
18
www.irf.com
circuit measures the voltage at the CS pin and
compares it against the voltage at the IPH pin.
During the rising ignition ramp, the voltage at
the IPH pin is increased to 20% above its value
5.1V
V
CPH
V
VCO
t
t
PH
IGN
DIM
V
DIM
R
DIM & C TPH
TIME CONSTANT
IGN-TO-DIM
TIME
Figure 10, IR21592/IR21593 ignition detection.
during preheat mode. When the voltage on the
CS pin exceeds this voltage, the voltage on the
IPH pin is decreased to VIPH Pre-Heat +10% and
the ignition detection circuit is then active (See
Figure 10). When the lamp ignites, the voltage on
the CS pin will then fall below the voltage on the
IPH pin and the IC enters DIM Mode and the phase
control loop is closed. In order for the ignition
detection circuit to function properly and for the IC
to enter DIM mode, the voltage on the CS pin must
first rise above VIPH Pre-Heat + 20% during the
ignition ramp to activate the circuit, and then
decrease below VIPH Pre-Heat +10% when the lamp
ignites.
Ignition-to-Dim (IGN-to-DIM)
When the IR21592/IR21593 enters dim mode, the
phase control loop is closed and the phase of the
load current is regulated against the user control
input on pin DIM. To control the rate at which the
dim setting changes from maximum brightness
to the user setting (IGN-TO-DIM time, Figure 11),
pin DIM is connected internally to pin CPH when
the IR21592/IR21593 enters DIM mode. The
resistor on pin DIM (RDIM) discharges the
capacitor on pin CPH down to the user dim
setting. The resistor can be selected for a fast
time constant to minimize the amount of flash
visible over the lamp just after ignition, or, a
long time constant such that the brightness
ramps down smoothly to the user setting. Should
the ignition-to-dim time be too fast, however, the
loop can respond faster than the ionization
constant of the lamp (milliseconds) causing the
VCO to over-shoot.
This can result in a
frequency that is higher than the minimum
brightness frequency and can extinguish the
lamp. The capacitor on pin CPH serves multiple
functions by setting the preheat time, the travel
rate just after ignition (together with resistor
RDIM), and, serving as a filter capacitor on pin
Figure 11, IR21592/IR21593 ignition timing diagram.
V
IPH
V
IPH+ 20%
V
IPH + 10%
CS
PH
IGN
DIM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com