Electronic Components Datasheet Search
  English  ▼

X  

RT9701CBL Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT9701CBL
Description  100m POWER DISTRIBUTION SWITCHES
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9701CBL Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT9701CBL Datasheet HTML 4Page - Richtek Technology Corporation RT9701CBL Datasheet HTML 5Page - Richtek Technology Corporation RT9701CBL Datasheet HTML 6Page - Richtek Technology Corporation RT9701CBL Datasheet HTML 7Page - Richtek Technology Corporation RT9701CBL Datasheet HTML 8Page - Richtek Technology Corporation RT9701CBL Datasheet HTML 9Page - Richtek Technology Corporation RT9701CBL Datasheet HTML 10Page - Richtek Technology Corporation RT9701CBL Datasheet HTML 11Page - Richtek Technology Corporation RT9701CBL Datasheet HTML 12Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
RT9701
DS9701-05 October 2001
www.richtek-ic.com.tw
9
Functional Description
The RT9701 is a high-side single N-channel switch
with active-high enable input.
Input and Output
VIN (input) is the power supply connection to the
circuitry and the drain of the output MOSFET. VOUT
(output) is the source of the output MOSFET. In a
typical circuit, current flows through the switch from
VIN to VOUT toward the load. Both VOUT pins must
be short on the board and connected to the load and
so do both VIN pins but connected to the power
source.
Thermal Shutdown
Thermal shutdown shuts off the output MOSFET if
the die temperature exceeds 130°C and 20°C of
hysteresis forces the switch turning off until the die
temperature drops to 110°C.
Soft Start
In order to eliminate the upstream voltage droop
caused by the large inrush current during hot-plug
events, the “soft-start” feature effectively isolates
power supplies from such highly capacitive loads.
Under-voltage Lockout
UVLO prevents the MOSFET switch from turning on
until input voltage exceeds 1.8V (typical). If input
voltage drops below 1.8V (typical), UVLO shuts off
the MOSFET switch.
Current Limiting and Short Protection
The current limit circuit is designed to protect the
system supply, the MOSFET switch and the load
from damage caused by excessive currents. The
current limit threshold is set internally to allow a
minimum of 1.1A through the MOSFET but limits the
output current to approximately 1.5A typical. When
the output is short to ground, it will limit to a constant
current 1A until thermal shutdown or short condition
removed.
T
T
T
1 >
1 >
1 >
1 >
2 >
2 >
2 >
2 >
Thermal Shut Down Response
50mS/Div
CH1: VCE : 5V/Div
CH3: IOUT@RL1ohm : 500mA/Div
CH2: IOUT@short : 500mA/Div
VIN = 5V
Thermal Shut Down
CH1
CH2
CH3
1A/Div
1A/Div
Time (50mS/Div)
Ω : 1A/Div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com