Electronic Components Datasheet Search
  English  ▼

X  

RT9701CBL Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT9701CBL
Description  100m POWER DISTRIBUTION SWITCHES
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9701CBL Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT9701CBL Datasheet HTML 4Page - Richtek Technology Corporation RT9701CBL Datasheet HTML 5Page - Richtek Technology Corporation RT9701CBL Datasheet HTML 6Page - Richtek Technology Corporation RT9701CBL Datasheet HTML 7Page - Richtek Technology Corporation RT9701CBL Datasheet HTML 8Page - Richtek Technology Corporation RT9701CBL Datasheet HTML 9Page - Richtek Technology Corporation RT9701CBL Datasheet HTML 10Page - Richtek Technology Corporation RT9701CBL Datasheet HTML 11Page - Richtek Technology Corporation RT9701CBL Datasheet HTML 12Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
RT9701
www.richtek-ic.com.tw
DS9701-05 October 2001
10
Applications Information
Filtering
To limit the input voltage drop during hot-plug events,
connect a 1µF ceramic capacitor from VIN to GND.
However, higher capacitor values will further reduce
the voltage drop at the input.
Connect a sufficient capacitor from VOUT to GND.
This capacitor helps to prevent inductive parasitics
from pulling VOUT negative during turn-off or EMI
damage to other components during the hot-
detachment. It is also necessary for meeting the USB
specification during hot plug-in operation. If RT9701
is implanted in device end application, minimum 1
µF
capacitor from VOUT to GND is recommended and
higher capacitor values are also preferred.
In choosing these capacitors, special attention must
be paid to the Effective Series Resistance, ESR, of
the capacitors to minimize the IR drop across the
capacitor’s ESR. A lower ESR on this capacitor can
get a lower IR drop during the operation.
Ferrite beads in series with all power and ground
lines are recommended to eliminate or significantly
reduce EMI. In selecting a ferrite bead, the DC
resistance of the wire used must be kept to a
minimum to reduce the voltage drop.
Reverse current preventing
The output MOSFET and driver circuitry are also
designed to allow the MOSFET source to be
externally forced to a higher voltage than the drain
(VOUT > VIN
≥ 0). To prevent reverse current from
such condition, disable the switch (RT9701CB) or
connect VIN to a fixed voltage under 1.3V.
Layout and Thermal Dissipation
Place the switch as close to the USB connector as
possible. Keep all traces as short as possible to
reduce
the
effect
of
undesirable
parasitic
inductance.
Place the output capacitor and ferrite beads as
close to the USB connector as possible.
If ferrite beads are used, use wires with minimum
resistance and large solder pads to minimize
connection resistance.
If the package is with dual VOUT or VIN pins,
short both the same function pins as Fig.1 or Fig.2
to reduce the internal turn-on resistance. If the
output power will be delivered to two individual
ports, it is specially necessary to short both VOUT
pin at the switch output side in order to protect the
switch when each port are plug-in separately.
Under normal operating conditions, the package
can dissipate the channel heat away. Wide power-
bus planes connected to VIN and VOUT and a
ground plane in contact with the device will help
dissipate additional heat.
Fig. 1 High Side Power Switch
CIN = 1µF, COUT = 470µF (Low ESR) on M/B
CIN = 1µF, COUT = 330µF (Low ESR) on Notebook
CIN = 10µF, COUT = 1µF on USB device
VOUT2
RT9701CBL
VOUT
COUT
VIN
VIN
CIN
1µF
GND
VOUT
VIN
VOUT1
COUT
Fig. 2 High Side Power Switch with Chip Enable Control
VOUT1
RT9701CB
VOUT
COUT
VIN
VIN
CIN
GND
OFF
ON
CE
VCE
VOUT
VOUT2
COUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com