Electronic Components Datasheet Search
  English  ▼

X  

AM5718AABCX Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # AM5718AABCX
Description  Sitara Processors Silicon Revision 2.0
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM5718AABCX Datasheet(HTML) 29 Page - Texas Instruments

Back Button AM5718AABCX Datasheet HTML 25Page - Texas Instruments AM5718AABCX Datasheet HTML 26Page - Texas Instruments AM5718AABCX Datasheet HTML 27Page - Texas Instruments AM5718AABCX Datasheet HTML 28Page - Texas Instruments AM5718AABCX Datasheet HTML 29Page - Texas Instruments AM5718AABCX Datasheet HTML 30Page - Texas Instruments AM5718AABCX Datasheet HTML 31Page - Texas Instruments AM5718AABCX Datasheet HTML 32Page - Texas Instruments AM5718AABCX Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 394 page
background image
Copyright © 2016, Texas Instruments Incorporated
Terminal Configuration and Functions
Submit Documentation Feedback
29
AM5718, AM5716
www.ti.com
SPRS957C – MARCH 2016 – REVISED NOVEMBER 2016
Table 4-2. Ball Characteristics(1) (continued)
BALL NUMBER
[1]
BALL NAME [2]
SIGNAL NAME [3]
PN [4]
MUXMODE
[5]
TYPE [6]
BALL
RESET
STATE [7]
BALL
RESET REL.
STATE [8]
BALL
RESET REL.
MUXMODE
[9]
I/O
VOLTAGE
VALUE [10]
POWER [11]
HYS [12]
BUFFER
TYPE [13]
PULL
UP/DOWN
TYPE [14]
L3
gpmc_ad6
gpmc_ad6
0
IO
OFF
OFF
15
1.8/3.3
vddshv10
Yes
Dual Voltage
LVCMOS
PU/PD
vin1a_d6
2
I
vout3_d6
No
3
O
gpio1_12
14
IO
sysboot6
15
I
L2
gpmc_ad7
gpmc_ad7
0
IO
OFF
OFF
15
1.8/3.3
vddshv10
Yes
Dual Voltage
LVCMOS
PU/PD
vin1a_d7
2
I
vout3_d7
No
3
O
gpio1_13
14
IO
sysboot7
15
I
L1
gpmc_ad8
gpmc_ad8
0
IO
OFF
OFF
15
1.8/3.3
vddshv10
Yes
Dual Voltage
LVCMOS
PU/PD
vin1a_d8
2
I
vout3_d8
No
3
O
gpio7_18
14
IO
sysboot8
15
I
K2
gpmc_ad9
gpmc_ad9
0
IO
OFF
OFF
15
1.8/3.3
vddshv10
Yes
Dual Voltage
LVCMOS
PU/PD
vin1a_d9
2
I
vout3_d9
No
3
O
gpio7_19
14
IO
sysboot9
15
I
J1
gpmc_ad10
gpmc_ad10
0
IO
OFF
OFF
15
1.8/3.3
vddshv10
Yes
Dual Voltage
LVCMOS
PU/PD
vin1a_d10
2
I
vout3_d10
No
3
O
gpio7_28
14
IO
sysboot10
15
I
J2
gpmc_ad11
gpmc_ad11
0
IO
OFF
OFF
15
1.8/3.3
vddshv10
Yes
Dual Voltage
LVCMOS
PU/PD
vin1a_d11
2
I
vout3_d11
No
3
O
gpio7_29
14
IO
sysboot11
15
I
H1
gpmc_ad12
gpmc_ad12
0
IO
OFF
OFF
15
1.8/3.3
vddshv10
Yes
Dual Voltage
LVCMOS
PU/PD
vin1a_d12
2
I
vout3_d12
No
3
O
gpio1_18
14
IO
sysboot12
15
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com