Electronic Components Datasheet Search
  English  ▼

X  

AM5718AABCX Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # AM5718AABCX
Description  Sitara Processors Silicon Revision 2.0
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM5718AABCX Datasheet(HTML) 11 Page - Texas Instruments

Back Button AM5718AABCX Datasheet HTML 7Page - Texas Instruments AM5718AABCX Datasheet HTML 8Page - Texas Instruments AM5718AABCX Datasheet HTML 9Page - Texas Instruments AM5718AABCX Datasheet HTML 10Page - Texas Instruments AM5718AABCX Datasheet HTML 11Page - Texas Instruments AM5718AABCX Datasheet HTML 12Page - Texas Instruments AM5718AABCX Datasheet HTML 13Page - Texas Instruments AM5718AABCX Datasheet HTML 14Page - Texas Instruments AM5718AABCX Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 394 page
background image
11
AM5718, AM5716
www.ti.com
SPRS957C – MARCH 2016 – REVISED NOVEMBER 2016
Submit Documentation Feedback
Terminal Configuration and Functions
Copyright © 2016, Texas Instruments Incorporated
NOTE
In some cases Table 4-2 may present more than one signal name per muxmode for the
same
ball.
First
signal
in
the
list
is
the
dominant
function
as
selected
via
CTRL_CORE_PAD_* register.
All other signals are virtual functions that present alternate multiplexing options. This virtual
functions
are
controlled
via
CTRL_CORE_ALT_SELECT_MUX
or
CTRL_CORE_VIP_MUX_SELECT register. For more information on how to use this options,
please refer to Device TRM, Chapter Control Module, Section Pad Configuration Registers.
4. PN: This column shows if the functionality is applicable for AM5716 device. Note that the Ball
Characteristics table presents a functionality of AM5718. If the cell is empty it means that the signal is
available in all devices.
- Yes - Functionality is presented in AM5716
- No - Functionality is not presented in AM5716
An empty box means Yes.
5. MUXMODE: Multiplexing mode number:
(a) MUXMODE 0 is the primary mode; this means that when MUXMODE=0 is set, the function
mapped on the pin corresponds to the name of the pin. The primary muxmode is not necessarily
the default muxmode.
NOTE
The default mode is the mode at the release of the reset; also see the RESET REL.
MUXMODE column.
(b) MUXMODE 1 through 15 are possible muxmodes for alternate functions. On each pin, some
muxmodes are effectively used for alternate functions, while some muxmodes are not used. Only
MUXMODE values which correspond to defined functions should be used.
6. TYPE: Signal type and direction:
–
I = Input
–
O = Output
–
IO = Input or Output
–
D = Open drain
–
DS = Differential Signaling
–
A = Analog
–
PWR = Power
–
GND = Ground
–
CAP = LDO Capacitor
7. BALL RESET STATE: The state of the terminal at power-on reset:
–
drive 0 (OFF): The buffer drives VOL (pulldown or pullup resistor not activated).
–
drive 1 (OFF): The buffer drives VOH (pulldown or pullup resistor not activated).
–
OFF: High-impedance
–
PD: High-impedance with an active pulldown resistor
–
PU: High-impedance with an active pullup resistor
8. BALL RESET REL. STATE: The state of the terminal at the deactivation of the rstoutn signal (also
mapped to the PRCM SYS_WARM_OUT_RST signal).
–
drive 0 (OFF): The buffer drives VOL (pulldown or pullup resistor not activated).
–
drive clk (OFF): The buffer drives a toggling clock (pulldown or pullup resistor not activated).
–
drive 1 (OFF): The buffer drives VOH (pulldown or pullup resistor not activated).
–
OFF: High-impedance
–
PD: High-impedance with an active pulldown resistor
–
PU: High-impedance with an active pullup resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com