Electronic Components Datasheet Search
  English  ▼

X  

INA188 Datasheet(PDF) 9 Page - Texas Instruments

Part # INA188
Description  Precision, Zero-Drift, Rail-to-Rail Out, High-Voltage Instrumentation Amplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA188 Datasheet(HTML) 9 Page - Texas Instruments

Back Button INA188_16 Datasheet HTML 5Page - Texas Instruments INA188_16 Datasheet HTML 6Page - Texas Instruments INA188_16 Datasheet HTML 7Page - Texas Instruments INA188_16 Datasheet HTML 8Page - Texas Instruments INA188_16 Datasheet HTML 9Page - Texas Instruments INA188_16 Datasheet HTML 10Page - Texas Instruments INA188_16 Datasheet HTML 11Page - Texas Instruments INA188_16 Datasheet HTML 12Page - Texas Instruments INA188_16 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
0
2
4
6
8
10
12
14
16
18
IOS (nA)
0
2
4
6
8
10
12
14
16
18
20
Input Bias Current (nA)
0
5
10
15
20
25
30
35
40
45
VOSO (µV/°C)
0
100
200
300
400
500
600
700
800
900
1000
D001
VOSO (µV)
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Input Voltage Offset Drift (µV/°C)
0
50
100
150
200
250
300
350
400
450
500
550
600
D001
VOSI (µV)
9
INA188
www.ti.com
SBOS632 – SEPTEMBER 2015
Product Folder Links: INA188
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
6.7 Typical Characteristics
At TA = 25°C, VS = ±15 V, RL = 10 kΩ, VREF = midsupply, and G = 1, unless otherwise noted.
Figure 1. Input Voltage Offset Distribution
–40°C to +125°C
Figure 2. Input Voltage Offset Drift Distribution
Figure 3. Output Voltage Offset Distribution
–40°C to +125°C
Figure 4. Output Voltage Offset Drift Distribution
Figure 5. Input Bias Current Distribution
Figure 6. Input Offset Current Distribution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com