Electronic Components Datasheet Search
  English  ▼

X  

INA188 Datasheet(PDF) 14 Page - Texas Instruments

Part # INA188
Description  Precision, Zero-Drift, Rail-to-Rail Out, High-Voltage Instrumentation Amplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA188 Datasheet(HTML) 14 Page - Texas Instruments

Back Button INA188_16 Datasheet HTML 10Page - Texas Instruments INA188_16 Datasheet HTML 11Page - Texas Instruments INA188_16 Datasheet HTML 12Page - Texas Instruments INA188_16 Datasheet HTML 13Page - Texas Instruments INA188_16 Datasheet HTML 14Page - Texas Instruments INA188_16 Datasheet HTML 15Page - Texas Instruments INA188_16 Datasheet HTML 16Page - Texas Instruments INA188_16 Datasheet HTML 17Page - Texas Instruments INA188_16 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
Time (µs)
0
50
100
150
200
250
300
350
400
-60
-40
-20
0
20
40
60
D001
Time (µs)
0
0.5
1
1.5
2
2.5
3
3.5
4
-60
-40
-20
0
20
40
60
D001
Time (µs)
0
50
100
150
200
250
300
350
400
-100
-75
-50
-25
0
25
50
75
100
D001
Time (µs)
0
50
100
150
200
250
300
350
400
-60
-40
-20
0
20
40
60
D001
Time (µs)
0
50
100
150
200
250
300
350
400
-6
-4
-2
0
2
4
6
D001
Time (µs)
0
0.5
1
1.5
2
2.5
3
3.5
4
-6
-4
-2
0
2
4
6
D001
14
INA188
SBOS632 – SEPTEMBER 2015
www.ti.com
Product Folder Links: INA188
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Typical Characteristics (continued)
At TA = 25°C, VS = ±15 V, RL = 10 kΩ, VREF = midsupply, and G = 1, unless otherwise noted.
RL = 10 kΩ, CL = 100 pF, G = 100
Figure 31. Large-Signal Pulse Response
RL = 10 kΩ, CL = 100 pF, G = 1000
Figure 32. Large-Signal Pulse Response
RL = 10 kΩ, CL = 100 pF, G = 1
Figure 33. Small-Signal Pulse Response
RL = 10 kΩ, CL = 100 pF, G = 10
Figure 34. Small-Signal Pulse Response
RL = 10 kΩ, CL = 100 pF, G = 100
Figure 35. Small-Signal Pulse Response
RL = 10 kΩ, CL = 100 pF, G = 1000
Figure 36. Small-Signal Pulse Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com