Electronic Components Datasheet Search
  English  ▼

X  

LM1262 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1262
Description  200 MHz I2C Compatible RGB Video Amplifier System with OSD and DACs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1262 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM1262 Datasheet HTML 1Page - National Semiconductor (TI) LM1262 Datasheet HTML 2Page - National Semiconductor (TI) LM1262 Datasheet HTML 3Page - National Semiconductor (TI) LM1262 Datasheet HTML 4Page - National Semiconductor (TI) LM1262 Datasheet HTML 5Page - National Semiconductor (TI) LM1262 Datasheet HTML 6Page - National Semiconductor (TI) LM1262 Datasheet HTML 7Page - National Semiconductor (TI) LM1262 Datasheet HTML 8Page - National Semiconductor (TI) LM1262 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Active Video Signal Electrical Characteristics (Continued)
Unless otherwise noted: T
A = 25˚C, VCC = +5V, VIN = 0.7V, VABL =VCC,CL = 5 pF, Video Signal Output = 2VP-P.
Symbol
Parameter
Conditions
Min
(Note 7)
Typ
(Note 6)
Max
(Note 7)
Units
V
ABL TH
ABL Control Upper Limit
Test Setting 4, AC Input Signal
(Note 12)
5V
V
ABL Range
ABL Active Range Control
Voltage
Test Setting 4, AC Input Signal
(Note 12)
2.7
V
∆A
ABL
ABL Control Range
Test Setting 4, AC Input Signal
(Note 12)
-6
−8
dB
I
ABL Active
ABL Input Bias Current during
ABL
Test Setting 4, AC Input
Signal, V
ABL = 2V (Note 12)
010
µA
I
ABL Max
ABL Input Current Clamp Sink
Capability
Test Setting 4, AC Input Signal
(Note 12)
1mA
V
Vert Bnk Off
Vertical Blank Gate Low
Input Voltage at pin 13
Vertical Blank Comparators Off
Register B set to 0x02 (Note
18)
1.0
V
V
Vert Bnk On
Vertical Blank Gate High
Input Voltage at pin 13
Vertical Blank Comparators On
Register B set to 0x02 (Note
18)
2.6
V
I
Vert Bnk Low
Vertical Blank Gate Low
Input Current at pin 13
V
13 = 0V, Register B set to
0x02 (Note 18)
-4.0
µA
I
Vert Bnk High
Vertical Blank Gate High
Input Current at pin 13
V
13 =VCC, Register B set to
0x02 (Note 18)
(internal 50k resistor to ground)
100
µA
V
Vert Bnk Off
Vertical Blank Gate Low
Input Voltage at pin 23
Vertical Blank Comparators Off
Register B set to 0x06
0.7
V
V
Vert Bnk On
Vertical Blank Gate High
Input Voltage at pin 23
Vertical Blank Comparators On
Register B set to 0x06 (Note
16)
1.2
3.2
V
V
Clamp Min
Horizontal Clamp Gate High
Input Voltage
Horizontal Clamp Comparators
On
3.8
V
I
Clamp
Clamp Gate Input Current
V
23 = 0VtoVCC − 1V,
Register B set to 0x06
−5
0.1
10
µA
t
PW Clamp
Back Porch Clamp Pulse Width
(Note 15)
200
ns
t
Clamp-Video
End of Clamp Pulse to Start of
Active Video
Limit is guaranteed by design
200
ns
t
PW SandClamp
Sandcastle Clamp Pulse Width
Horizontal Clamp Comparators
On Register B set to 0x06
(Note 16)
0.20
1.20
µsec
R
In-Video
Input Resistance
Test Setting (4)
20
M
Ω
V
RefOut
V
Ref Output Voltage
10 k
Ω, 1% Resistor; Pin 10 to
GND
1.25
1.40
1.55
V
V
Spot
Spot Killer Voltage
V
CC Adjusted to Activate
3.4
4.0
4.25
V
OSD Electrical Characteristics
Unless otherwise noted: T
A = 25˚C, VCC = +5V, VIN = 0.7V, VABL =VCC,CL = 5 pF, Video Signal Output = 2VP-P, Test Set-
ting 8.
Symbol
Parameter
Conditions
Min
(Note 7)
Typ
(Note 6)
Max
(Note 7)
Units
V
OSD-L
OSD Input Low Input
Operating Range
OSD Inputs are Selected
1.2
V
V
OSD-H
OSD Input High Input
Operating Range
OSD Inputs are Selected
2.5
V
I
OSD
OSD Input Current
V
OSD = 0VtoVCC − 1V
−5
0.1
10
µA
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com