Electronic Components Datasheet Search
  English  ▼

X  

LMH6639 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH6639
Description  190MHz Rail-to-Rail Output Amplifier with Disable
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6639 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LMH6639 Datasheet HTML 1Page - National Semiconductor (TI) LMH6639 Datasheet HTML 2Page - National Semiconductor (TI) LMH6639 Datasheet HTML 3Page - National Semiconductor (TI) LMH6639 Datasheet HTML 4Page - National Semiconductor (TI) LMH6639 Datasheet HTML 5Page - National Semiconductor (TI) LMH6639 Datasheet HTML 6Page - National Semiconductor (TI) LMH6639 Datasheet HTML 7Page - National Semiconductor (TI) LMH6639 Datasheet HTML 8Page - National Semiconductor (TI) LMH6639 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
5V Electrical Characteristics (Continued)
Unless otherwise specified, all limits guaranteed for at T
J = 25˚C, V
+ = 5V, V− = 0V, V
O =VCM =V
+/2, and R
L =2k
Ω to V+/2.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
(Note 6)
Typ
(Note 5)
Max
(Note 6)
Units
TC V
OS
Input Offset Average Drift
(Note 11)
8
µV/˚C
I
B
Input Bias Current
(Note 7)
−1.2
−2.6
−3.25
µA
I
OS
Input Offset Current
20
800
1000
nA
R
IN
Common Mode Input
Resistance
A
V = +1, f = 1kHz, RS =1M
Ω
6.88
M
Ω
C
IN
Common Mode Input
Capacitance
A
V = +1, RS = 100k
Ω
1.32
pF
CMVR
Common-Mode Input Voltage
Range
CMRR
≥ 50dB
−0.3
−0.2
−0.1
V
4
3.8
3.6
CMRR
Common Mode Rejection
Ratio
(Note 12)
72
95
dB
A
VOL
Large Signal Voltage Gain
V
O =4VPP
R
L =2k
Ω to V+/2
86
82
100
dB
V
O = 3.75VPP
R
L = 150
Ω to V+/2
74
70
77
V
O
Output Swing
High
R
L =2k
Ω to V+/2, V
ID = 200mV
4.90
4.97
V
R
L = 150
Ω to V+/2, V
ID = 200mV
4.65
4.90
R
L =50
Ω to V+/2, V
ID = 200mV
4.40
4.77
Output Swing
Low
R
L =2k
Ω to V+/2, V
ID = −200mV
25
100
mV
R
L = 150
Ω to V+/2, V
ID = −200mV
85
200
R
L =50
Ω to V+/2, V
ID = −200mV
190
400
I
SC
Output Short Circuit Current
Sourcing to V
+/2, (Note 10)
100
79
160
mA
Sinking from V
+/2, (Note 10)
120
85
190
I
OUT
Output Current
V
O = 0.5V from either supply
110
mA
PSRR
Power Supply Rejection Ratio
(Note 12)
72
96
dB
I
S
Supply Current (Enabled)
No Load
3.6
5.8
8.0
mA
Supply Current (Disabled)
0.40
0.8
1.0
TH_SD
Threshold Voltage for
Shutdown Mode
V
+ −1.65
V
I_SD PIN
Shutdown Pin Input Current
SD Pin Connected to 0V (Note 7)
−30
µA
T
ON
On Time after Shutdown
83
nsec
T
OFF
Off Time to Shutdown
160
nsec
R
OUT
Output Resistance Closed
Loop
R
F = 10k
Ω, f = 1kHz, A
V =−1
29
m
Ω
R
F = 10k
Ω, f = 1MHz, A
V = −1
253
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com