Electronic Components Datasheet Search
  English  ▼

X  

LMH6639 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH6639
Description  190MHz Rail-to-Rail Output Amplifier with Disable
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6639 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LMH6639 Datasheet HTML 1Page - National Semiconductor (TI) LMH6639 Datasheet HTML 2Page - National Semiconductor (TI) LMH6639 Datasheet HTML 3Page - National Semiconductor (TI) LMH6639 Datasheet HTML 4Page - National Semiconductor (TI) LMH6639 Datasheet HTML 5Page - National Semiconductor (TI) LMH6639 Datasheet HTML 6Page - National Semiconductor (TI) LMH6639 Datasheet HTML 7Page - National Semiconductor (TI) LMH6639 Datasheet HTML 8Page - National Semiconductor (TI) LMH6639 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
ESD Tolerance
2KV (Note 2)
200V (Note 9)
V
IN Differential
±2.5V
Input Current
±10mA
Supply Voltage (V
+ –V−)
13.5V
Voltage at Input/Output pins
V
+ +0.8V, V− −0.8V
Storage Temperature Range
−65˚C to +150˚C
Junction Temperature (Note 4)
+150˚C
Soldering Information
Infrared or Convection (20 sec)
235˚C
Wave Soldering (10 sec)
260˚C
Operating Ratings (Note 1)
Operating Temperature Range (Note 4)
−40˚C to +85˚C
Package Thermal Resistance (
θ
JA) (Note 4)
SOT23-6
265˚C/W
SOIC-8
190˚C/W
3V Electrical Characteristics
Unless otherwise specified, all limits guaranteed for at T
J = 25˚C, V
+ = 3V, V− = 0V, V
O =VCM =V
+/2, and R
L =2k
Ω to V+/2.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
(Note 6)
Typ
(Note 5)
Max
(Note 6)
Units
BW
−3dB BW
A
V = +1
120
170
MHz
A
V =−1
63
BW
0.1dB
0.1dB Gain Flatness
R
F = 2.65k
Ω ,R
L =1k
Ω,
16.4
MHz
FPBW
Full Power Bandwidth
A
V = +1, VOUT =2VPP, −1dB
V
+ = 1.8V, V− = 1.2V
21
MHz
GBW
Gain Bandwidth product
A
V = +1
83
MHz
e
n
Input-Referred Voltage Noise
R
F = 33k
Ω
f = 10kHz
19
nV/
f = 1MHz
16
i
n
Input-Referred Current Noise
R
F =1M
Ω
f = 10kHz
1.30
pA/
f = 1MHz
0.36
THD
Total Harmonic Distortion
f = 5MHz, V
O =2VPP,AV = +2,
R
L =1k
Ω to V+/2
−50
dBc
T
S
Settling Time
V
O =2VPP, ±0.1%
37
ns
SR
Slew Rate
A
V = −1 (Note 8)
120
167
V/µs
V
OS
Input Offset Voltage
1.01
5
7
mV
TC V
OS
Input Offset Average Drift
(Note 11)
8
µV/˚C
I
B
Input Bias Current
(Note 7)
−1.02
−2.6
−3.5
µA
I
OS
Input Offset Current
20
800
1000
nA
R
IN
Common Mode Input
Resistance
A
V = +1, f = 1kHz, RS =1M
Ω
6.1
M
Ω
C
IN
Common Mode Input
Capacitance
A
V = +1, RS = 100k
Ω
1.35
pF
CMVR
Input Common-Mode Voltage
Range
CMRR
≥ 50dB
−0.3
−0.2
−0.1
V
1.8
1.6
2
CMRR
Common Mode Rejection
Ratio
(Note 12)
72
93
dB
A
VOL
Large Signal Voltage Gain
V
O =2VPP,RL =2k
Ω to V+/2
80
76
100
dB
V
O =2VPP,RL = 150
Ω to V+/2
74
70
78
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com