Electronic Components Datasheet Search
  English  ▼

X  

LM2673 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2673
Description  SIMPLE SWITCHER 3A Step-Down Voltage Regulator with Adjustable Current Limit
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2673 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM2673 Datasheet HTML 1Page - National Semiconductor (TI) LM2673 Datasheet HTML 2Page - National Semiconductor (TI) LM2673 Datasheet HTML 3Page - National Semiconductor (TI) LM2673 Datasheet HTML 4Page - National Semiconductor (TI) LM2673 Datasheet HTML 5Page - National Semiconductor (TI) LM2673 Datasheet HTML 6Page - National Semiconductor (TI) LM2673 Datasheet HTML 7Page - National Semiconductor (TI) LM2673 Datasheet HTML 8Page - National Semiconductor (TI) LM2673 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
All Output Voltage Versions
Electrical Characteristics
Limits appearing in bold type face apply over the entire junction temperature range of operation, −40˚C to 125˚C. Specifica-
tions appearing in normal type apply for T
A =TJ = 25˚C. Unless otherwise specified, RADJ = 8.2K
Ω,V
IN=12V for the 3.3V, 5V
and Adjustable versions and V
IN=24V for the 12V version.
Symbol
Parameter
Conditions
Typ
Min
Max
Units
DEVICE PARAMETERS
I
Q
Quiescent
Current
V
FEEDBACK = 8V
4.2
6
mA
For 3.3V, 5.0V, and ADJ Versions
V
FEEDBACK = 15V
For 12V Versions
V
ADJ
Current Limit
Adjust Voltage
1.21
1.181/1.169
1.229/1.246
V
I
CL
Current Limit
R
ADJ = 8.2K
Ω, (Note 5)
4.5
3.8/3.6
5.25/5.4
A
I
L
Output Leakage
Current
V
IN = 40V, Softstart Pin = 0V
V
SWITCH =0V
V
SWITCH = −1V
1.0
6
1.5
15
mA
mA
R
DS(ON)
Switch
On-Resistance
I
SWITCH = 3A
0.15
0.17/0.29
Ω
f
O
Oscillator
Frequency
Measured at Switch Pin
260
225
280
kHz
D
Duty Cycle
Maximum Duty Cycle
91
%
Minimum Duty Cycle
0
%
I
BIAS
Feedback Bias
Current
V
FEEDBACK = 1.3V
ADJ Version Only
85
nA
V
SFST
Softstart
Threshold
Voltage
0.63
0.53
0.74
V
I
SFST
Softstart Pin
Current
Softstart Pin = 0V
3.7
6.9
µA
θ
JA
Thermal
Resistance
T Package, Junction to Ambient
65
(Note 6)
θ
JA
T Package, Junction to Ambient
45
(Note 7)
θ
JC
T Package, Junction to Case
2
θ
JA
S Package, Junction to Ambient
56
˚C/W
(Note 8)
θ
JA
S Package, Junction to Ambient
35
(Note 9)
θ
JA
S Package, Junction to Ambient
26
(Note 10)
θ
JC
S Package, Junction to Case
2
++
θ
JA
SD Package, Junction to Ambient
55
˚C/W
(Note 11)
θ
JA
SD Package, Junction to Ambient
29
(Note 12)
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com