Electronic Components Datasheet Search
  English  ▼

X  

LM2673 Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2673
Description  SIMPLE SWITCHER 3A Step-Down Voltage Regulator with Adjustable Current Limit
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2673 Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button LM2673 Datasheet HTML 15Page - National Semiconductor (TI) LM2673 Datasheet HTML 16Page - National Semiconductor (TI) LM2673 Datasheet HTML 17Page - National Semiconductor (TI) LM2673 Datasheet HTML 18Page - National Semiconductor (TI) LM2673 Datasheet HTML 19Page - National Semiconductor (TI) LM2673 Datasheet HTML 20Page - National Semiconductor (TI) LM2673 Datasheet HTML 21Page - National Semiconductor (TI) LM2673 Datasheet HTML 22Page - National Semiconductor (TI) LM2673 Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
Capacitor Selection Guides (Continued)
Table 3. Output Capacitors for Fixed Output Voltage Application
Output
Voltage (V)
Inductance
(µH)
Surface Mount
AVX TPS Series
Sprague 594D
Series
Kemet T495 Series
No.
C Code
No.
C Code
No.
C Code
3.3
10
4
C2
3
C1
4
C4
15
4
C2
3
C1
4
C4
22
3
C2
2
C7
3
C4
33
2
C2
2
C6
2
C4
5
10
4
C2
4
C6
4
C4
15
3
C2
2
C7
3
C4
22
3
C2
2
C7
3
C4
33
2
C2
2
C3
2
C4
47
2
C2
1
C7
2
C4
12
10
4
C5
3
C6
5
C9
15
3
C5
2
C7
4
C8
22
2
C5
2
C6
3
C8
33
2
C5
1
C7
2
C8
47
2
C4
1
C6
2
C8
68
1
C5
1
C5
2
C7
100
1
C4
1
C5
1
C8
Output
Voltage (V)
Inductance
(µH)
Through Hole
Sanyo OS-CON SA
Series
Sanyo MV-GX Series
Nichicon PL Series
Panasonic HFQ
Series
No.
C Code
No.
C Code
No.
C Code
No.
C Code
3.3
10
1
C3
1
C10
1
C6
2
C6
15
1
C3
1
C10
1
C6
2
C5
22
1
C5
1
C10
1
C5
1
C7
33
1
C2
1
C10
1
C13
1
C5
5
10
2
C4
1
C10
1
C6
2
C5
15
1
C5
1
C10
1
C5
1
C6
22
1
C5
1
C5
1
C5
1
C5
33
1
C4
1
C5
1
C13
1
C5
47
1
C4
1
C4
1
C13
2
C3
12
10
2
C7
2
C5
1
C18
2
C5
15
1
C8
1
C5
1
C17
1
C5
22
1
C7
1
C5
1
C13
1
C5
33
1
C7
1
C3
1
C11
1
C4
47
1
C7
1
C3
1
C10
1
C3
68
1
C7
1
C2
1
C10
1
C3
100
1
C7
1
C2
1
C9
1
C1
No. represents the number of identical capacitor types to be connected in parallel
C Code indicates the Capacitor Reference number in Table 2 for identifying the specific component from the manufacturer.
www.national.com
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com