Electronic Components Datasheet Search
  English  ▼

X  

LT1763 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1763
Description  500mA, Low Noise, LDO Micropower Regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1763 Datasheet(HTML) 2 Page - Linear Technology

  LT1763 Datasheet HTML 1Page - Linear Technology LT1763 Datasheet HTML 2Page - Linear Technology LT1763 Datasheet HTML 3Page - Linear Technology LT1763 Datasheet HTML 4Page - Linear Technology LT1763 Datasheet HTML 5Page - Linear Technology LT1763 Datasheet HTML 6Page - Linear Technology LT1763 Datasheet HTML 7Page - Linear Technology LT1763 Datasheet HTML 8Page - Linear Technology LT1763 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LT1763 Series
1763fa
ABSOLUTE MAXIMUM RATINGS
(Note 1)
IN Pin Voltage ........................................................
±20V
OUT Pin Voltage ....................................................
±20V
Input to Output Differential Voltage .......................
±20V
SENSE Pin Voltage ...............................................
±20V
ADJ Pin Voltage ......................................................
±7V
BYP Pin Voltage ....................................................
±0.6V
SHDN Pin Voltage .................................................
±20V
Output Short-Circut Duration .......................... Indefinite
Operating Junction Temperature Range
(Note 2) ............................................ – 40
°C to 125°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Operating Voltage
ILOAD = 500mA (Notes 3, 11)
q
1.8
2.3
V
Regulated Output Voltage
LT1763-1.5
VIN = 2V, ILOAD = 1mA
1.485
1.5
1.515
V
(Note 4)
2.5V < VIN < 20V, 1mA < ILOAD < 500mA
q
1.462
1.5
1.538
V
LT1763-1.8
VIN = 2.3V, ILOAD = 1mA
1.782
1.8
1.818
V
2.8V < VIN < 20V, 1mA < ILOAD < 500mA
q
1.755
1.8
1.845
V
LT1763-2.5
VIN = 3V, ILOAD = 1mA
2.475
2.5
2.525
V
3.5V < VIN < 20V, 1mA < ILOAD < 500mA
q
2.435
2.5
2.565
V
LT1763-3
VIN = 3.5V, ILOAD = 1mA
2.970
3
3.030
V
4V < VIN < 20V, 1mA < ILOAD < 500mA
q
2.925
3
3.075
V
LT1763-3.3
VIN = 3.8V, ILOAD = 1mA
3.267
3.3
3.333
V
4.3V < VIN < 20V, 1mA < ILOAD < 500mA
q
3.220
3.3
3.380
V
LT1763-5
VIN = 5.5V, ILOAD = 1mA
4.950
5
5.050
V
6V < VIN < 20V, 1mA < ILOAD < 500mA
q
4.875
5
5.125
V
ADJ Pin Voltage
LT1763
VIN = 2V, ILOAD = 1mA
1.208
1.22
1.232
V
(Notes 3, 4)
2.22V < VIN < 20V, 1mA < ILOAD < 500mA
q
1.190
1.22
1.250
V
Line Regulation
LT1763-1.5
∆VIN = 2V to 20V, ILOAD = 1mA
q
15
mV
LT1763-1.8
∆VIN = 2.3V to 20V, ILOAD = 1mA
q
15
mV
LT1763-2.5
∆VIN = 3V to 20V, ILOAD = 1mA
q
15
mV
LT1763-3
∆VIN = 3.5V to 20V, ILOAD = 1mA
q
15
mV
LT1763-3.3
∆VIN = 3.8V to 20V, ILOAD = 1mA
q
15
mV
LT1763-5
∆VIN = 5.5V to 20V, ILOAD = 1mA
q
15
mV
LT1763 (Note 3)
∆VIN = 2V to 20V, ILOAD = 1mA
q
15
mV
Load Regulation
LT1763-1.5
VIN = 2.5V, ∆ILOAD = 1mA to 500mA
3
8
mV
VIN = 2.5V, ∆ILOAD = 1mA to 500mA
q
15
mV
LT1763-1.8
VIN = 2.8V, ∆ILOAD = 1mA to 500mA
4
9
mV
VIN = 2.8V, ∆ILOAD = 1mA to 500mA
q
18
mV
LT1763-2.5
VIN = 3.5V, ∆ILOAD = 1mA to 500mA
5
12
mV
VIN = 3.5V, ∆ILOAD = 1mA to 500mA
q
25
mV
The q denotes specifications which apply over the full operating temperature range, otherwise specifications are TA = 25°C. (Note 2)
ELECTRICAL CHARACTERISTICS
Consult LTC Marketing for parts specified with wider operating temperature ranges.
PACKAGE/ORDER INFORMATION
ORDER PART NUMBER
LT1763CS8
LT1763CS8-1.5
LT1763CS8-1.8
LT1763CS8-2.5
S8 PART MARKING
1763
176315
176318
176325
TJMAX = 150°C, θJA = 70°C/ W,
θJC = 35°C/ W
SEE THE APPLICATIONS
INFORMATION SECTION.
*PIN 2: SENSE FOR LT1763-1.5/
LT1763-1.8/LT1763-2.5/
LT1763-3/LT1763-3.3/LT1763-5
ADJ FOR LT1763
TOP VIEW
IN
GND
GND
SHDN
OUT
SENSE/ADJ*
GND
BYP
S8 PACKAGE
8-LEAD PLASTIC SO
1
2
3
4
8
7
6
5
17633
176333
17635
LT1763CS8-3
LT1763CS8-3.3
LT1763CS8-5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com