Electronic Components Datasheet Search
  English  ▼

X  

LT1763 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1763
Description  500mA, Low Noise, LDO Micropower Regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1763 Datasheet(HTML) 3 Page - Linear Technology

  LT1763 Datasheet HTML 1Page - Linear Technology LT1763 Datasheet HTML 2Page - Linear Technology LT1763 Datasheet HTML 3Page - Linear Technology LT1763 Datasheet HTML 4Page - Linear Technology LT1763 Datasheet HTML 5Page - Linear Technology LT1763 Datasheet HTML 6Page - Linear Technology LT1763 Datasheet HTML 7Page - Linear Technology LT1763 Datasheet HTML 8Page - Linear Technology LT1763 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LT1763 Series
1763fa
Load Regulation
LT1763-3
VIN = 4V, ∆ILOAD = 1mA to 500mA
7
15
mV
VIN = 4V, ∆ILOAD = 1mA to 500mA
q
30
mV
LT1763-3.3
VIN = 4.3V, ∆ILOAD = 1mA to 500mA
7
17
mV
VIN = 4.3V, ∆ILOAD = 1mA to 500mA
q
33
mV
LT1763-5
VIN = 6V, ∆ILOAD = 1mA to 500mA
12
25
mV
VIN = 6V, ∆ILOAD = 1mA to 500mA
q
50
mV
LT1763 (Note 3)
VIN = 2.3V, ∆ILOAD = 1mA to 500mA
2
6
mV
VIN = 2.3V, ∆ILOAD = 1mA to 500mA
q
12
mV
Dropout Voltage
ILOAD = 10mA
0.13
0.19
V
VIN = VOUT(NOMINAL)
ILOAD = 10mA
q
0.25
V
(Notes 5, 6, 11)
ILOAD = 50mA
0.17
0.22
V
ILOAD = 50mA
q
0.32
V
ILOAD = 100mA
0.20
0.24
V
ILOAD = 100mA
q
0.34
V
ILOAD = 500mA
0.30
0.35
V
ILOAD = 500mA
q
0.45
V
GND Pin Current
ILOAD = 0mA
q
30
75
µA
VIN = VOUT(NOMINAL)
ILOAD = 1mA
q
65
120
µA
(Notes 5, 7)
ILOAD = 50mA
q
1.1
1.6
mA
ILOAD = 100mA
q
23
mA
ILOAD = 250mA
q
58
mA
ILOAD = 500mA
q
11
16
mA
Output Voltage Noise
COUT = 10µF, CBYP = 0.01µF, ILOAD = 500mA, BW = 10Hz to 100kHz
20
µVRMS
ADJ Pin Bias Current
(Notes 3, 8)
30
100
nA
Shutdown Threshold
VOUT = Off to On
q
0.8
2
V
VOUT = On to Off
q
0.25
0.65
V
SHDN Pin Current
VSHDN = 0V
0.1
µA
(Note 9)
VSHDN = 20V
1
µA
Quiescent Current in Shutdown
VIN = 6V, VSHDN = 0V
0.1
1
µA
Ripple Rejection
VIN – VOUT = 1.5V (Avg), VRIPPLE = 0.5VP-P, fRIPPLE = 120Hz,
50
65
dB
ILOAD = 500mA
Current Limit
VIN = 7V, VOUT = 0V
700
mA
VIN = VOUT(NOMINAL) + 1V, ∆VOUT = – 0.1V
q
520
mA
Input Reverse Leakage Current
VIN = – 20V, VOUT = 0V
q
1mA
Reverse Output Current
LT1763-1.5
VOUT = 1.5V, VIN < 1.5V
10
20
µA
(Note 10)
LT1763-1.8
VOUT = 1.8V, VIN < 1.8V
10
20
µA
LT1763-2.5
VOUT = 2.5V, VIN < 2.5V
10
20
µA
LT1763-3
VOUT = 3V, VIN < 3V
10
20
µA
LT1763-3.3
VOUT = 3.3V, VIN < 3.3V
10
20
µA
LT1763-5
VOUT = 5V, VIN < 5V
10
20
µA
LT1763 (Note 3)
VOUT = 1.22V, VIN < 1.22V
5
10
µA
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
The q denotes specifications which apply over the full operating temperature range, otherwise specifications are TA = 25°C. (Note 2)
all possible combinations of input voltage and output current. When
operating at maximum input voltage, the output current range must be
limited. When operating at maximum output current, the input voltage
range must be limited.
Note 5: To satisfy requirements for minimum input voltage, the LT1763
(adjustable version) is tested and specified for these conditions with an
external resistor divider (two 250k resistors) for an output voltage of
2.44V. The external resistor divider will add a 5
µA DC load on the output.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The LT1763 regulators are tested and specified under pulse load
conditions such that TJ ≈ TA. The LT1763 is 100% tested at TA = 25°C.
Performance at – 40
°C and 125°C is assured by design, characterization
and correlation with statistical process controls.
Note 3: The LT1763 (adjustable version) is tested and specified for these
conditions with the ADJ pin connected to the OUT pin.
Note 4: Operating conditions are limited by maximum junction
temperature. The regulated output voltage specification will not apply for



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com