Electronic Components Datasheet Search
  English  ▼

X  

MPC9350 Datasheet(PDF) 9 Page - Motorola, Inc

Part # MPC9350
Description  LOW VOLTAGE PLL CLOCK DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC9350 Datasheet(HTML) 9 Page - Motorola, Inc

Back Button MPC9350 Datasheet HTML 4Page - Motorola, Inc MPC9350 Datasheet HTML 5Page - Motorola, Inc MPC9350 Datasheet HTML 6Page - Motorola, Inc MPC9350 Datasheet HTML 7Page - Motorola, Inc MPC9350 Datasheet HTML 8Page - Motorola, Inc MPC9350 Datasheet HTML 9Page - Motorola, Inc MPC9350 Datasheet HTML 10Page - Motorola, Inc MPC9350 Datasheet HTML 11Page - Motorola, Inc MPC9350 Datasheet HTML 12Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
MPC9350
TIMING SOLUTIONS
9
MOTOROLA
Figure 7. TCLK MPC9350 AC test reference for Vcc = 3.3V and Vcc = 2.5V
Figure 8. Output–to–output Skew tSK(O)
PULSE
GENERATOR
Z = 50
W
RT = 50Ω
ZO = 50Ω
RT = 50Ω
ZO = 50Ω
MPC9350 DUT
VTT
VTT
Figure 9. Output Duty Cycle (DC)
Figure 10. Transition Time Test Reference
Figure 11. Cycle–to–cycle Jitter
Figure 12. Period Jitter
The pin–to–pin skew is defined as the worst case difference in propagation
delay between any similar delay path within a single device
The time from the PLL controlled edge to the non controlled edge, divided
by the time between PLL controlled edges, expressed as a percentage
The time from the maximum low level voltage to minimum high level of a
clock signal, expressed in ns
The variation in cycle time of a signal between adjacent cycles, over a
random sample of adjacent cycle pairs
The deviation in cycle time of a signal with respect to the ideal period over
a random sample of cycles
VCC
VCCB2
GND
VCC
VCCB2
GND
VCC
VCCB2
GND
tSK(O)
tP
T0
DC = tP/T0 x 100%
tF
tR
TN
TJIT(CC) = |TN–TN+1|
TN+1
TJIT(P) = |TN–1/f0|
T0
VCC=3.3V
VCC=2.5V
2.4
1.8V
0.55
0.6V
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com