Electronic Components Datasheet Search
  English  ▼

X  

MPC9350 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MPC9350
Description  LOW VOLTAGE PLL CLOCK DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC9350 Datasheet(HTML) 3 Page - Motorola, Inc

  MPC9350 Datasheet HTML 1Page - Motorola, Inc MPC9350 Datasheet HTML 2Page - Motorola, Inc MPC9350 Datasheet HTML 3Page - Motorola, Inc MPC9350 Datasheet HTML 4Page - Motorola, Inc MPC9350 Datasheet HTML 5Page - Motorola, Inc MPC9350 Datasheet HTML 6Page - Motorola, Inc MPC9350 Datasheet HTML 7Page - Motorola, Inc MPC9350 Datasheet HTML 8Page - Motorola, Inc MPC9350 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MPC9350
TIMING SOLUTIONS
3
MOTOROLA
PIN CONFIGURATION
Pin
I/O
Type
Function
XTAL1, XTAL2
Input
Analog
Crystal oscillator terminals
TCLK
Input
LVCMOS
Single ended reference clock signal or test clock
FBSEL
Input
LVCMOS
Selects feedback divider ratio
REF_SEL
Input
LVCMOS
Selects input reference source
FSELA
Input
LVCMOS
Output A divider selection
FSELB
Input
LVCMOS
Output B divider selection
FSELC
Input
LVCMOS
Outputs C divider selection
FSELD
Input
LVCMOS
Outputs D divider selection
OE
Input
LVCMOS
Output enable/disable
QA
Output
LVCMOS
Bank A clock output
QB
Output
LVCMOS
Bank B clock output
QC0, QC1
Output
LVCMOS
Bank C clock outputs
QD0 - QD4
Output
LVCMOS
Bank D clock outputs
GND
Supply
Ground
Negative power supply
VCCA
Supply
VCC
Positive power supply for the PLL
VCC
Supply
VCC
Positive power supply for I/O and core
FUNCTION TABLE
Control
Default
0
1
REF_SEL
0
Selects XTAL
Selects TCLK
PLL_EN
1
Test mode with PLL disabled. The input clock is
directly routed to the output dividers
PLL enabled. The VCO output is routed to the
output dividers
FBSEL
0
Selects feedback divider
÷ 32
VCO = 32 * Input reference clock
Selects feedback divider
÷ 16
VCO = 16 * Input reference clock
OE
0
Outputs enabled
Outputs disabled
FSELA
0
QA = VCO
÷ 2
QA = VCO
÷ 4
FSELB
0
QB = VCO
÷ 4
QB = VCO
÷ 8
FSELC
0
QC = VCO
÷ 4
QC = VCO
÷ 8
FSELD
0
QD = VCO
÷ 4
QD = VCO
÷ 8
ABSOLUTE MAXIMUM RATINGSa
Symbol
Characteristics
Min
Max
Unit
Condition
VCC
Supply Voltage
-0.3
4.6
V
VIN
DC Input Voltage
-0.3
VCC+0.3
V
VOUT
DC Output Voltage
-0.3
VCC+0.3
V
IIN
DC Input Current
±20
mA
IOUT
DC Output Current
±50
mA
TS
Storage temperature
-40
125
°C
a. Absolute maximum continuous ratings are those maximum values beyond which damage to the device may occur. Exposure to these conditions
or conditions beyond those indicated may adversely affect device reliability. Functional operation under absolute-maximum-rated conditions is not
implied.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com