Electronic Components Datasheet Search
  English  ▼

X  

83C694 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # 83C694
Description  TWISTED PAIR INTERFACE AND MACHESTER ENCODER/DECODER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

83C694 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button 83C694 Datasheet HTML 17Page - List of Unclassifed Manufacturers 83C694 Datasheet HTML 18Page - List of Unclassifed Manufacturers 83C694 Datasheet HTML 19Page - List of Unclassifed Manufacturers 83C694 Datasheet HTML 20Page - List of Unclassifed Manufacturers 83C694 Datasheet HTML 21Page - List of Unclassifed Manufacturers 83C694 Datasheet HTML 22Page - List of Unclassifed Manufacturers 83C694 Datasheet HTML 23Page - List of Unclassifed Manufacturers 83C694 Datasheet HTML 24Page - List of Unclassifed Manufacturers 83C694 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
5.0
AC OPERATING CHARACTERISTICS
Ta = 0°C (32°F) to 70°C (158°F)
Vcc = 5V
± 5%
NOTE
All typical values are given for Vcc = 5V and Ta = 25°C (77°F).
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
Oscillator Specification
tXTH
X1 rising edge to Transmit Clock High
8
–
25
nsec
tXTL
X1 rising edge to Transmit Clock Low
8
–
25
nsec
Transmit Specification
tTCD
Transmit Clock Duty Cycle at 50% (10 MHz)
42
50
58
%
tTCR
Transmit Clock Rise Time (20 to 80%)
–
–
8
nsec
tTCF
Transmit Clock Fall Time (20 to 80%)
–
–
8
nsec
tTDS
Transmit Data Setup Time to Transmit Clock Rising
Edge
20
–
–
nsec
tTDH
Transmit Data Hold Time from Transmit Clock
Rising Edge
0
–
–
nsec
tTES
Transmit Enable Setup Time to Transmit Clock
Rising Edge
20
–
–
nsec
tTEH
Transmit Enable Hold Time from Transmit Clock
Rising Edge
0
–
–
nsec
tTOD
Transmit Output Delay from Transmit Clock Rising
Edge
–
–
60
nsec
tTOR
Transmit Output Rise Time (20% to 80%) (TX
±)
–
–
8
nsec
Transmit Output Rise Time (TPX
±)
–
4.5
–
nsec
tTOF
Transmit Output Fall Time (80% to 20%) (TX
±)
–
–
8
nsec
Transmit Output Fall Time (TPX
±)
–
4.5
–
nsec
tTOJ
Transmit Output Jitter (TX
±)–
±0.25
–
nsec
tTOH
Transmit Output High before Idle in Half Step Mode 200
–
–
nsec
tTOI
Transmit Output Idle Time in Half Step Mode
–
–
350
nsec
tLTPW
Link Test Pulse Width
100
nsec
Receive Specification
tRCD
Receive Clock Duty Cycle at 50% (10 MHz)
40
50
60
%
tRCR
Receive Clock Rise Time (20% to 80%)
–
–
8
nsec
tRCF
Receive Clock Fall Time (20% to 80%)
–
–
8
nsec
tRDR
Receive Data Rise Time (20% to 80%)
–
–
8
nsec
tRDF
Receive Data Fall Time (80% to 20%)
–
–
8
nsec
tRDS
Receive Data Stable from Receive Clock
Rising Edge
±40
–
–
nsec
tCSON
Carrier Sense Turn on Delay (AUI)
–
–
60
nsec
Carrier Sense Turn on Delay (TP)
–
–
300
nsec
tCSOFF
Carrier Sense Turn off Delay (AUI)
–
–
160
nsec
Carrier Sense Turn off Delay (TP)
–
–
160
nsec
83C694D
AC OPERATING CHARACTERISTICS
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com