Electronic Components Datasheet Search
  English  ▼

X  

LM2679 Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2679
Description  SIMPLE SWITCHER 5A Step-Down Voltage Regulator with Adjustable Current Limit
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2679 Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button LM2679 Datasheet HTML 14Page - National Semiconductor (TI) LM2679 Datasheet HTML 15Page - National Semiconductor (TI) LM2679 Datasheet HTML 16Page - National Semiconductor (TI) LM2679 Datasheet HTML 17Page - National Semiconductor (TI) LM2679 Datasheet HTML 18Page - National Semiconductor (TI) LM2679 Datasheet HTML 19Page - National Semiconductor (TI) LM2679 Datasheet HTML 20Page - National Semiconductor (TI) LM2679 Datasheet HTML 21Page - National Semiconductor (TI) LM2679 Datasheet HTML 22Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
Application Hints (Continued)
Table 3. Output Capacitors for Fixed Output Voltage Application
Output
Voltage
(V)
Inductance
(µH)
Surface Mount
AVX TPS Series
Sprague 594D
Series
Kemet T495 Series
No.
C Code
No.
C Code
No.
C Code
3.3
10
5C15C15C2
15
4C14C14C3
22
3C22C73C4
33
1C12C73C4
5
10
4C24C64C4
15
3C32C73C5
22
3C22C73C4
33
2C22C32C4
47
2C21C72C4
12
10
4C53C65C9
15
3C52C74C9
22
2C52C63C8
33
2C51C73C8
47
2C41C62C8
68
1C51C52C7
100
1C41C51C8
Output
Voltage
(V)
Inductance
(µH)
Through Hole
Sanyo OS-CON SA
Series
Sanyo MV-GX
Series
Nichicon PL Series
Panasonic HFQ
Series
No.
C Code
No.
C Code
No.
C Code
No.
C Code
3.3
10
2
C5
2
C6
1
C8
2
C6
15
2
C5
2
C5
1
C7
2
C5
22
1
C5
1
C10
1
C5
1
C7
33
1
C5
1
C10
1
C5
1
C7
5
10
2
C4
2
C5
1
C6
2
C5
15
1
C5
1
C10
1
C5
1
C7
22
1
C5
1
C9
1
C5
1
C5
33
1
C4
1
C5
1
C4
1
C4
47
1
C4
1
C4
1
C2
2
C4
12
10
2
C7
1
C10
1
C14
2
C4
15
1
C8
1
C6
1
C17
1
C5
22
1
C7
1
C5
1
C13
1
C5
33
1
C7
1
C4
1
C12
1
C4
47
1
C7
1
C3
1
C11
1
C3
68
1
C6
1
C2
1
C10
1
C3
100
1
C6
1
C2
1
C9
1
C1
No. represents the number of identical capacitor types to be connected in parallel
C Code indicates the Capacitor Reference number in Table 2 for identifying the specific component from the manufacturer.
www.national.com
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com