Electronic Components Datasheet Search
  English  ▼

X  

LM2679 Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2679
Description  SIMPLE SWITCHER 5A Step-Down Voltage Regulator with Adjustable Current Limit
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2679 Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button LM2679 Datasheet HTML 15Page - National Semiconductor (TI) LM2679 Datasheet HTML 16Page - National Semiconductor (TI) LM2679 Datasheet HTML 17Page - National Semiconductor (TI) LM2679 Datasheet HTML 18Page - National Semiconductor (TI) LM2679 Datasheet HTML 19Page - National Semiconductor (TI) LM2679 Datasheet HTML 20Page - National Semiconductor (TI) LM2679 Datasheet HTML 21Page - National Semiconductor (TI) LM2679 Datasheet HTML 22Page - National Semiconductor (TI) LM2679 Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
Application Hints (Continued)
Table 4. Input Capacitors for Fixed Output Voltage Application
(Assumes worst case maximum input voltage and load current for a given inductance value)
Output
Voltage
(V)
Inductance
(µH)
Surface Mount
AVX TPS Series
Sprague 594D
Series
Kemet T495 Series
No.
C Code
No.
C Code
No.
C Code
3.3
10
3C72
C10
3C9
15
**
3
C13
4
C12
22
**
2
C13
3
C12
33
**
2
C13
3
C12
5
10
3C42C63C9
15
4
C9
3
C12
4
C10
22
**
3
C13
4
C12
33
**
2
C13
3
C12
47
**
1
C13
2
C12
12
10
4
C9
2
C10
4
C10
15
4
C8
2
C10
4
C10
22
4
C9
3
C12
4
C10
33
**
3
C13
4
C12
47
**
2
C13
3
C12
68
**
2
C13
2
C12
100
**
1
C13
2
C12
Output
Voltage
(V)
Inductance
(µH)
Through Hole
Sanyo OS-CON SA
Series
Sanyo MV-GX
Series
Nichicon PL Series
Panasonic HFQ
Series
No.
C Code
No.
C Code
No.
C Code
No.
C Code
3.3
10
2
C9
2
C8
1
C18
1
C8
15
**
2
C13
1
C25
1
C16
22
**
1
C14
1
C24
1
C16
33
**
1
C14
1
C24
1
C16
5
10
2
C7
2
C8
1
C25
1
C8
15
**
2C81
C25
1C8
22
**
2
C13
1
C25
1
C16
33
**
1
C14
1
C23
1
C13
47
**
1
C12
1
C19
1
C11
12
10
2
C10
2
C8
1
C18
1
C8
15
2
C10
2
C8
1
C18
1
C8
22
**
2C81
C18
1C8
33
**
2
C12
1
C24
1
C14
47
**
1
C14
1
C23
1
C13
68
**
1
C13
1
C21
1
C15
100
**
1
C11
1
C22
1
C11
* Check voltage rating of capacitors to be greater than application input voltage.
No. represents the number of identical capacitor types to be connected in parallel
C Code indicates the Capacitor Reference number in Table 2 for identifying the specific component from the manufacturer.
www.national.com
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com