Electronic Components Datasheet Search
  English  ▼

X  

BT33L Datasheet(PDF) 13 Page - BeRex Corporation

Part # BT33L
Description  100-1000MHz 1.5W ~ 2.0W High Linearity 5V Power Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BT33L Datasheet(HTML) 13 Page - BeRex Corporation

Back Button BT33L Datasheet HTML 9Page - BeRex Corporation BT33L Datasheet HTML 10Page - BeRex Corporation BT33L Datasheet HTML 11Page - BeRex Corporation BT33L Datasheet HTML 12Page - BeRex Corporation BT33L Datasheet HTML 13Page - BeRex Corporation BT33L Datasheet HTML 14Page - BeRex Corporation BT33L Datasheet HTML 15Page - BeRex Corporation BT33L Datasheet HTML 16Page - BeRex Corporation BT33L Datasheet HTML 17Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
100-1000MHz 1.5W ~ 2.0W High Linearity 5V Power Amplifier
BT33L
BeRex
●website: www.berex.com
● email: sales@berex.com
Specifications and information are subject to change and products may be discontinued without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2015 BeRex
Rev. B
Application Circuit: 900 MHz
Schematic Diagram
BOM
Marks
C1
0603
47pF
Samsung
C2
0603
47pF
Samsung
C3
0603
22pF
Samsung
C4
0603
1000pF
Samsung
C5
0603
1 uF
Samsung
C7
0603
N/C
-
C8
0603
N/C
-
C9
0603
33pF
Samsung
C10
0603
10pF
Samsung
C11
0603
N/C
-
C12
0603
N/C
-
C13
0603
3.9pF
Samsung
C16
0603
N/C
-
C17
0603
8.2pF
Samsung
L1
1008
39nH
Coilcraft
L2
0603
5.6nH
Taiyo Yuden
L3
0603
1.2nH
Taiyo Yuden
R1
0603
51Ω
Samsung
R2
0603
91Ω
Samsung
R3
0603
0Ω
Samsung
R4
0603
0Ω
Samsung
U1
4x4
BT33L
BEREX
PCB Diagram
Notice
Below information is subject to change
as conditions of the substrate.
Reference
Object
Distance
Input pin
L2
5.5mm
Input pin
C13
2.5mm
Input pin
C10
1.3mm
Output pin
L3
3.3mm
Output pin
C17
5.6mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com