Electronic Components Datasheet Search
  English  ▼

X  

BT33L Datasheet(PDF) 2 Page - BeRex Corporation

Part # BT33L
Description  100-1000MHz 1.5W ~ 2.0W High Linearity 5V Power Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BT33L Datasheet(HTML) 2 Page - BeRex Corporation

  BT33L Datasheet HTML 1Page - BeRex Corporation BT33L Datasheet HTML 2Page - BeRex Corporation BT33L Datasheet HTML 3Page - BeRex Corporation BT33L Datasheet HTML 4Page - BeRex Corporation BT33L Datasheet HTML 5Page - BeRex Corporation BT33L Datasheet HTML 6Page - BeRex Corporation BT33L Datasheet HTML 7Page - BeRex Corporation BT33L Datasheet HTML 8Page - BeRex Corporation BT33L Datasheet HTML 9Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
100-1000MHz 1.5W ~ 2.0W High Linearity 5V Power Amplifier
BT33L
BeRex
●website: www.berex.com
● email: sales@berex.com
Specifications and information are subject to change and products may be discontinued without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2015 BeRex
Rev. B
V-I Characteristics
BeRex Evaluation Board
Pin Configuration
Pin No.
Label
1
VREF
4,5
RF IN
14,15,16
RF OUT/VCC
18
IREF
2,3,6,13,17
N/C
7,8,9,10,11,12
19,20,21,22,23,24
GND
Backside Paddle
GND
BMT332
Figure about the reference position of components
BT33L
*Dielectric constant _ 4.6 *
RF pattern width 52mil *31mil thick FR4 PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com