Electronic Components Datasheet Search
  English  ▼

X  

PM4351 Datasheet(PDF) 21 Page - PMC-Sierra, Inc

Part # PM4351
Description  COMBINED E1/T1 TRANSCEIVER/FRAMER
PDF  485 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM4351 Datasheet(HTML) 21 Page - PMC-Sierra, Inc

Back Button PM4351 Datasheet HTML 17Page - PMC-Sierra, Inc PM4351 Datasheet HTML 18Page - PMC-Sierra, Inc PM4351 Datasheet HTML 19Page - PMC-Sierra, Inc PM4351 Datasheet HTML 20Page - PMC-Sierra, Inc PM4351 Datasheet HTML 21Page - PMC-Sierra, Inc PM4351 Datasheet HTML 22Page - PMC-Sierra, Inc PM4351 Datasheet HTML 23Page - PMC-Sierra, Inc PM4351 Datasheet HTML 24Page - PMC-Sierra, Inc PM4351 Datasheet HTML 25Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 485 page
background image
STANDARD PRODUCT
PM4351 COMET
DATA SHEET
PMC-1970624
ISSUE 10
COMBINED E1/T1 TRANSCEIVER
PROPRIETARY AND CONFIDENTIAL
xix
Table 69
- Transmit Output Amplitude ........................................................ 331
Table 70
- ALOS Detection/Clearance Thresholds ..................................... 340
Table 71
- Equalization Feedback Frequencies.......................................... 347
Table 72
- Valid Period................................................................................ 348
Table 73
- Observing Inputs in Test Mode 0 ............................................... 351
Table 74
- Controlling Outputs in Test Mode 0 ............................................ 352
Table 75
- Boundary Scan Register ............................................................ 354
Table 76
- Default Settings ......................................................................... 367
Table 77
- ESF Frame Format .................................................................... 368
Table 78
- SLC®96 Frame Format ............................................................. 369
Table 79
- SF Frame Format ...................................................................... 370
Table 80
- T1DM Frame Format ................................................................. 370
Table 81
- E1 Frame Format....................................................................... 371
Table 82
- PMON Polling Sequence ........................................................... 372
Table 83
- ESF FDL Processing ................................................................. 373
Table 84
- Performance Report Message Structure and Contents ............. 380
Table 85
- Performance Report Message Structure Notes ......................... 380
Table 86
- Performance Report Message Contents.................................... 381
Table 87
- Transmit Waveform Values for T1 Long Haul (LBO 0 dB): ........ 382
Table 88
- Transmit Waveform Values for T1 Long Haul (LBO 7.5 dB): ..... 383
Table 89
- Transmit Waveform Values for T1 Long Haul (LBO 15 dB): ...... 384
Table 90
- Transmit Waveform Values for T1 Long Haul (LBO 22.5 dB): ... 385
Table 91
- Transmit Waveform Values for T1 Short Haul (0 - 110 ft.): ........ 386
Table 92
- Transmit Waveform Values for T1 Short Haul (110 – 220 ft.):.... 387



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com