Electronic Components Datasheet Search
  English  ▼

X  

PM4351 Datasheet(PDF) 41 Page - PMC-Sierra, Inc

Part # PM4351
Description  COMBINED E1/T1 TRANSCEIVER/FRAMER
PDF  485 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM4351 Datasheet(HTML) 41 Page - PMC-Sierra, Inc

Back Button PM4351 Datasheet HTML 37Page - PMC-Sierra, Inc PM4351 Datasheet HTML 38Page - PMC-Sierra, Inc PM4351 Datasheet HTML 39Page - PMC-Sierra, Inc PM4351 Datasheet HTML 40Page - PMC-Sierra, Inc PM4351 Datasheet HTML 41Page - PMC-Sierra, Inc PM4351 Datasheet HTML 42Page - PMC-Sierra, Inc PM4351 Datasheet HTML 43Page - PMC-Sierra, Inc PM4351 Datasheet HTML 44Page - PMC-Sierra, Inc PM4351 Datasheet HTML 45Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 485 page
background image
STANDARD PRODUCT
PM4351 COMET
DATA SHEET
PMC-1970624
ISSUE 10
COMBINED E1/T1 TRANSCEIVER
PROPRIETARY AND CONFIDENTIAL
17
7
PIN DIAGRAMS
The COMET is packaged in an 80-pin metric plastic quad flat pack (MQFP)
package having a body size of 14 mm by 14 mm and a pin pitch of 0.65 mm.
Figure 3
PM4351-RI COMET Pin Diagram
(TO P VIEW )
PM4351-RI
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
60
PIO
TRIM F
RDA T
RCLKI
RSYNC
BRCLK
VDDO1
VSSO 1
BRPCM
BRSIG
BRFP
VDDI1
VSSI1
BIA S
ALE
A[8]
A[7]
RVREF
A[6]
A[5]
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
1
TA VS1
XCLK
TCLK I
TCLKO
TD AT
TF P
VDDO2
VSSO 2
BTC LK
BTPC M
BTSIG
BTF P
VDDI2
VSSI2
TC K
TM S
TDI
TAVD1
TDO
TR ST B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com