Electronic Components Datasheet Search
  English  ▼

X  

LM2681 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2681
Description  Switched Capacitor Voltage Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2681 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM2681 Datasheet HTML 1Page - National Semiconductor (TI) LM2681 Datasheet HTML 2Page - National Semiconductor (TI) LM2681 Datasheet HTML 3Page - National Semiconductor (TI) LM2681 Datasheet HTML 4Page - National Semiconductor (TI) LM2681 Datasheet HTML 5Page - National Semiconductor (TI) LM2681 Datasheet HTML 6Page - National Semiconductor (TI) LM2681 Datasheet HTML 7Page - National Semiconductor (TI) LM2681 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Typical Performance Characteristics (Circuit of Figure 1, V+ = 5V unless otherwise
specified) (Continued)
Connection Diagram
Ordering Information
Order Number
Package
Number
Package
Marking
Supplied as
LM2681M6
MA06A
S10A (Note 7)
Tape and Reel (250 units/rail)
LM2681M6X
MA06A
S10A (Note 7)
Tape and Reel (3000 units/rail)
Note 7: The first letter
″S″ identifies the part as a switched capacitor converter. The next two numbers are the device number. The fourth letter ″A″ indicates the
grade. Only one grade is available. Larger quantity reels are available upon request.
Output Voltage Drop
vs Load Current
DS100965-8
Efficiency vs
Load Current
DS100965-9
Oscillator Frequency vs
Supply Voltage
DS100965-10
Oscillator Frequency vs
Temperature
DS100965-11
6-Lead SOT (M6)
DS100965-13
Top View With Package Marking
DS100965-22
Actual Size
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com