Electronic Components Datasheet Search
  English  ▼

X  

LM2681 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2681
Description  Switched Capacitor Voltage Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2681 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM2681 Datasheet HTML 1Page - National Semiconductor (TI) LM2681 Datasheet HTML 2Page - National Semiconductor (TI) LM2681 Datasheet HTML 3Page - National Semiconductor (TI) LM2681 Datasheet HTML 4Page - National Semiconductor (TI) LM2681 Datasheet HTML 5Page - National Semiconductor (TI) LM2681 Datasheet HTML 6Page - National Semiconductor (TI) LM2681 Datasheet HTML 7Page - National Semiconductor (TI) LM2681 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V+ to GND, or GND to OUT)
5.8V
V+ and OUT Continuous Output Current
30 mA
Output Short-Circuit Duration to GND (Note 2)
1 sec.
Continuous Power
Dissipation (T
A = 25˚C)(Note 3)
600 mW
T
JMax(Note 3)
150˚C
θ
JA (Note 3)
210˚C/W
Operating Junction Temperature
Range
−40˚ to 85˚C
Storage Temperature Range
−65˚C to +150˚C
Lead Temp. (Soldering, 10 seconds)
300˚C
ESD Rating
2kV
Electrical Characteristics
Limits in standard typeface are for T
J = 25˚C, and limits in boldface type apply over the full operating temperature range. Un-
less otherwise specified: V+ = 5V, C
1 = C2 = 3.3 µF. (Note 4)
Symbol
Parameter
Condition
Min
Typ
Max
Units
V+
Supply Voltage
2.5
5.5
V
I
Q
Supply Current
No Load
550
1000
µA
I
L
Output Current
20
mA
R
SW
Sum of the R
ds(on)of the four
internal MOSFET switches
I
L = 20 mA
8
16
Ω
R
OUT
Output Resistance (Note 5)
I
L = 20 mA
15
40
Ω
f
OSC
Oscillator Frequency
(Note 6)
80
160
kHz
f
SW
Switching Frequency
(Note 6)
40
80
kHz
P
EFF
Power Efficiency
R
L (1.0k) between GND and
OUT
86
93
%
I
L = 20 mA to GND
90
V
OEFF
Voltage Conversion Efficiency
No Load
99
99.96
%
Note 1: Absolute maximum ratings indicate limits beyond which damage to the device may occur. Electrical specifications do not apply when operating the device
beyond its rated operating conditions.
Note 2: OUT may be shorted to GND for one second without damage. However, shorting OUT to V+ may damage the device and should be avoided. Also, for tem-
peratures above 85˚C, OUT must not be shorted to GND or V+, or device may be damaged.
Note 3: The maximum allowable power dissipation is calculated by using PDMax = (TJMax −TA)/θJA, where TJMax is the maximum junction temperature, TA is the
ambient temperature, and
θJA is the junction-to-ambient thermal resistance of the specified package.
Note 4: In the test circuit, capacitors C1 and C2 are 3.3 µF, 0.3Ω maximum ESR capacitors. Capacitors with higher ESR will increase output resistance, reduce output
voltage and efficiency.
Note 5: Specified output resistance includes internal switch resistance and capacitor ESR. See the details in the application information for positive voltage doubler.
Note 6: The output switches operate at one half of the oscillator frequency, fOSC = 2fSW.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com