Electronic Components Datasheet Search
  English  ▼

X  

ATF13786 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # ATF13786
Description  Surface Mount Gallium Arsenide FET for Oscillators
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ATF13786 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  ATF13786 Datasheet HTML 1Page - List of Unclassifed Manufacturers ATF13786 Datasheet HTML 2Page - List of Unclassifed Manufacturers ATF13786 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
5-45
Typical Scattering Parameters, Common Source, Z
O = 50Ω, VDS = 3 V, IDS = 40 mA
S
11
S
21
S
12
S
22
Frequency
GHz
Mag.
Ang.
Mag.
Ang.
Mag.
Ang.
Mag.
Ang.
1
0.97
-23
4.80
157
0.03
77
0.46
-13
2
0.88
-46
4.60
135
0.06
66
0.42
-25
3
0.78
-68
4.35
117
0.08
58
0.36
-35
4
0.67
-95
4.02
95
0.11
47
0.28
-48
5
0.57
-125
3.61
75
0.12
37
0.19
-65
6
0.52
-157
3.20
57
0.13
28
0.12
-93
7
0.53
176
2.84
41
0.14
21
0.08
-147
8
0.57
160
2.54
31
0.14
18
0.10
171
9
0.60
143
2.27
16
0.14
12
0.15
148
10
0.63
130
2.04
4
0.15
6
0.19
134
11
0.64
117
1.82
-9
0.14
0
0.25
122
12
0.67
107
1.65
-19
0.14
-4
0.30
113
13
0.72
99
1.55
-29
0.14
-8
0.35
109
14
0.76
97
1.47
-35
0.14
-9
0.39
111
15
0.78
90
1.40
-46
0.14
-14
0.41
108
16
0.77
83
1.32
-58
0.14
-20
0.42
104
17
0.74
77
1.26
-68
0.14
-28
0.43
98
18
0.73
69
1.23
-80
0.14
-36
0.42
93
Part Number Ordering Information
Part Number
Devices per Reel
Reel Size
ATF-13786-TR1
1000
7''
ATF-13786-STR
10
strip
Please refer to the “Tape-and-Reel Packaging for Surface Mount
Semiconductors” data sheet for more detailed information.
85 mil Plastic Surface Mount
PackageDimensions
4
0.51
± 0.13
(0.020
± 0.005)
2.34
± 0.38
(0.092
± 0.015)
2.67
± 0.38
(0.105
± 0.15)
1
3
2
2.16
± 0.13
(0.085
± 0.005)
DIMENSIONS ARE IN MILLIMETERS (INCHES)
1.52
± 0.25
(0.060
± 0.010)
0.66
± 0.013
(0.026
± 0.005)
0.203
± 0.051
(0.006
± 0.002)
0.30 MIN
(0.012 MIN)
C
L
45
°
5
° TYP.
8
° MAX
0
° MIN



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com