Electronic Components Datasheet Search
  English  ▼

X  

ATF13786 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ATF13786
Description  Surface Mount Gallium Arsenide FET for Oscillators
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ATF13786 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ATF13786 Datasheet HTML 1Page - List of Unclassifed Manufacturers ATF13786 Datasheet HTML 2Page - List of Unclassifed Manufacturers ATF13786 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
5-44
ATF-13786 Electrical Specifications, T
C = 25°C, VDS = 3 V, IDS = 40 mA
[4]
(unless noted)
Symbol
Parameters and Test Conditions
Units
Min.
Typ.
Max.
|S
21|
2
Insertion Power Gain
f = 10 GHz
dB
6.0
P
1 dB
Power at 1 dB Gain Compression
f = 10 GHz
dBm
15
16.5
G
1 dB
1 dB Compressed Gain
f = 10 GHz
dB
6.5
7.5
PN
Phase Noise (100 kHz offset)[5]
f = 10 GHz
dBc/Hz
-110
g
m
Transconductance
V
DS = 3 V, VGS = 0 V
mS
25
55
IDSS
Saturated Drain Current
VDS = 3 V, VGS = 0 V
mA
50
70
100
V
P
Pinchoff Voltage
V
DS = 3 V, IDS = 1 mA
V
-2.0
-1.5
-0.5
V
BDG
Gate - Drain Breakdown Voltage
I
DG = 0.1 mA
V
6.5
7
Notes:
4. Recommended maximum bias conditions for use as an oscillator.
5. The superior phase noise of this product results from the use of a gate structure optimized for noise performance.
Typical performance of 10 GHz parallel resonated, lightly coupled oscillator using high Q dielectric resonator.
ATF-13786 Absolute Maximum Ratings
Symbol
Parameter
Units
Absolute Maximum[1]
V
DS
Drain-Source Voltage
V
4
V
GS
Gate-Source Voltage
V
-4
VGD
Gate-Drain Voltage
V
-6
I
DS
Drain Current
mA
I
DSS
P
T
Power Dissipation[2,3]
mW
225
T
CH
Channel Temperature
°C
150
T
STG
Storage Temperature
°C
-65to+150
Notes:
1. Operation of this device above
any one of these conditions
may cause permanent damage.
2. TCASE = 25
oC (T
CASE is defined
to be the temperature at the
ends of pins 2 and 4 where
they contact the circuit
board).
3. Derate at 3.1 mW/oC for
TC >60
oC.
Thermal Resistance[2]:
θ
jc = 325°C/W



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com