Electronic Components Datasheet Search
  English  ▼

X  

IRDM983 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # IRDM983
Description  iMOTION??Motion Controller Module for PM AC Fan
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IRDM983 Datasheet(HTML) 1 Page - Infineon Technologies AG

  IRDM983 Datasheet HTML 1Page - Infineon Technologies AG IRDM983 Datasheet HTML 2Page - Infineon Technologies AG IRDM983 Datasheet HTML 3Page - Infineon Technologies AG IRDM983 Datasheet HTML 4Page - Infineon Technologies AG IRDM983 Datasheet HTML 5Page - Infineon Technologies AG IRDM983 Datasheet HTML 6Page - Infineon Technologies AG IRDM983 Datasheet HTML 7Page - Infineon Technologies AG IRDM983 Datasheet HTML 8Page - Infineon Technologies AG IRDM983 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
Data Sheet
Please read the Important Notice and Warnings at the end of this document
Revision 1.2
www.infineon.com/iMOTION
2016-08-19
IRDM983
Data Sheet
iMOTION™ Motion Controller Module for PM AC Fan
Quality Requirement Category: Industry
Features
Complete 250V - 500V 3-phase inverter system in one chip
Permanent Magnet Sinusoidal Motors Control by Hall sensors
Only two low cost Hall elements required
High efficiency control by quadratic phase advance curve
Internal clock based on external RC
15V single power supply
3.3V Integrated Voltage Regulator
Integrated protection features:
Dynamic overcurrent , Overtemperature ,
Overspeed, Rotor lock, Undervoltage lockout
Full Three Phase Gate Driver
Integrated Bootstrap Diodes
No heatsink required
12x12 mm² PQFN package
Applications
PM fan motor control
Description
IRDM983-025MB, IRDM983-035MB are the complete PM motor controller including six power MOSFET, high voltage
integrated circuit, high precision analog circuit and integrated digital control algorithm. The controller implements
a Hall sensor based control algorithm for 3-phase sinusoidal permanent magnet motor fan applications.
Other than the IRDM982 the IRDM983 only requires two hall sensors.
The integrated digital controller does not require any programming.
Instead there are 16 load curves stored in the internal ROM that can be selected via two resistor pairs.
The IRDM983 is packaged in the 12 x 12 PQFN package and designed to dissipate the power loss through a PCB
without the use of an external heatsink.
There are two products available depending on the power rating of the internal high voltage MOSFETs:
1) IRDM983-025MB – employs six MOSFETs 500V 2A and 600V high voltage IC
2) IRDM983-035MB – employs six MOSFETs 500V 3A and 600V high voltage IC


Similar Part No. - IRDM983

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRDM982 IRF-IRDM982 Datasheet
1Mb / 27P
Dynamic overcurrent limit per temperature
IRDM982 IRF-IRDM982_15 Datasheet
1Mb / 27P
Dynamic overcurrent limit per temperature
More results

Similar Description - IRDM983

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PHT-1.2D ETC-PHT-1.2D Datasheet
73Kb / 1P
PM Hysteresis Torque Controller
PHT-D ETC-PHT-D Datasheet
75Kb / 1P
PM Hysteresis Torque Controller
PHT-1.2D ETC-PHT-1.2D Datasheet
73Kb / 1P
PM Hysteresis Torque Controller
PHT-D ETC-PHT-D Datasheet
75Kb / 1P
PM Hysteresis Torque Controller
PHT-S ETC-PHT-S Datasheet
60Kb / 1P
PM Hysteresis Torque Controller
logo
TRINAMIC Motion Control...
TMC4210 TRINAMIC-TMC4210 Datasheet
1Mb / 48P
MOTION CONTROLLER FOR STEPPER MOTORS
logo
Microchip Technology
MD200C08D2 MICROCHIP-MD200C08D2 Datasheet
329Kb / 28P
Motion Module
07/14/15
MCP7150 MICROCHIP-MCP7150_16 Datasheet
329Kb / 28P
Motion Module
07/14/15
logo
Contec Co., Ltd
SMC-4DL-PE CONTEC-SMC-4DL-PE Datasheet
686Kb / 6P
Motion Controller Board for PCI Express
logo
New Scale Technologies,...
M3-L NEWSCALE-M3-L Datasheet
273Kb / 2P
Smart Module for Precision Motion
01-13-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com