Electronic Components Datasheet Search
  English  ▼

X  

IRDM983 Datasheet(PDF) 19 Page - Infineon Technologies AG

Part # IRDM983
Description  iMOTION??Motion Controller Module for PM AC Fan
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IRDM983 Datasheet(HTML) 19 Page - Infineon Technologies AG

Back Button IRDM983 Datasheet HTML 15Page - Infineon Technologies AG IRDM983 Datasheet HTML 16Page - Infineon Technologies AG IRDM983 Datasheet HTML 17Page - Infineon Technologies AG IRDM983 Datasheet HTML 18Page - Infineon Technologies AG IRDM983 Datasheet HTML 19Page - Infineon Technologies AG IRDM983 Datasheet HTML 20Page - Infineon Technologies AG IRDM983 Datasheet HTML 21Page - Infineon Technologies AG IRDM983 Datasheet HTML 22Page - Infineon Technologies AG IRDM983 Datasheet HTML 23Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
IRDM983-025MB, IRDM983-035MB
This document is the property of International Rectifier and may not be copied or distributed without expressed consent.
18
Load Curves
The following Table shows EFF pin mapping between input voltage and the advanced angle in degree per
50Hz of fundamental electrical frequency. Phase advance is by design clamped to be lower than 45 degrees
at every frequency. At frequencies above 100 Hz the advancement is constant and it is kept to the same
value at 100Hz.
Select
Degree/50Hz
Frequency [Hz] @
advance=45deg
EFF input
EFF digital input
15
25.49
64.22
3.094V
– 3.300V
152
14
24.15
65.75
2.888V
– 3.087V
144
13
22.81
68.04
2.681V
– 2.881V
136
12
21.47
70.34
2.475V
– 2.675V
128
11
20.12
72.63
2.269V
– 2.469V
120
10
18.78
75.69
2.063V
– 2.262V
112
9
17.44
78.75
1.856V
– 2.056V
104
8
16.10
81.80
1.650V
– 1.850V
96
7
14.76
87.16
1.444V
– 1.644V
88
6
13.42
92.51
1.238V
– 1.437V
80
5
12.07
99.39
1.031V
– 1.231V
72
4
10.73
Advance=40deg
above 100Hz
0.825V
– 1.025V
64
3
9.39
Advance=35deg
above 100Hz
0.619V
– 0.819V
56
2
8.05
Advance=30deg
above 100Hz
0.413V
– 0.612V
48
1
6.71
Advance=25deg
above 100Hz
0.206V
– 0.406V
40
Default = 0
5.37
Advance=20deg
above 100Hz
0.000V
– 0.200V
32
Table 2a EFF Parameters Selection
Load curves for 4 poles motor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com