Electronic Components Datasheet Search
  English  ▼

X  

LM2682 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2682
Description  Switched Capacitor Voltage Doubling Inverter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2682 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM2682 Datasheet HTML 1Page - National Semiconductor (TI) LM2682 Datasheet HTML 2Page - National Semiconductor (TI) LM2682 Datasheet HTML 3Page - National Semiconductor (TI) LM2682 Datasheet HTML 4Page - National Semiconductor (TI) LM2682 Datasheet HTML 5Page - National Semiconductor (TI) LM2682 Datasheet HTML 6Page - National Semiconductor (TI) LM2682 Datasheet HTML 7Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Application Information (Continued)
+5V to −5V Regulated Voltage Converter
Another application in which the LM2682 can be used is for
generating a −5V regulated supply from a +5V unregulated
supply. This involves using an op-amp and a reference and
is connected as shown in
Figure 2. The LM358 op-amp was
chosen for its low cost and versatility and the LM4040-5.0
reference was chosen for its low bias current requirement.
Of course other combinations may be used at the designer’s
discretion to fit accuracy, efficiency, and cost requirements.
With this configuration the circuit is well regulated and is still
capable of providing nearly 10 mA of output current. With a 9
mA load the circuit can typically maintain 5% regulation on
the output voltage with the input varying anywhere from 4.5V
to the maximum of 5.5V. With less load the results are even
better. Voltage ripple concerns are reduced in this case since
the ripple at the output of the LM2682 is reduced at the out-
put by the PSRR of the op-amp used.
Paralleling Devices
Any number of devices can be paralleled to reduce the out-
put resistance. As shown in
Figure 3, each device must have
its own pumping capacitors, C1 and C2, but only one shared
output capacitor is required. The effective output resistance
is the output resistance of one device divided by the number
of devices used in parallel. Paralleling devices also gives the
capability of increasing the maximum output current. The
maximum output current now becomes the maximum output
current for one device multiplied by the number of devices
used in parallel. For example, if you parallel two devices you
can get 20 mA of output current and have half the output re-
sistance of one device supplying 10 mA.
DS100997-5
FIGURE 3. Paralleling Devices
www.national.com
5



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com