Electronic Components Datasheet Search
  English  ▼

X  

LM2682 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2682
Description  Switched Capacitor Voltage Doubling Inverter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2682 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2682 Datasheet HTML 1Page - National Semiconductor (TI) LM2682 Datasheet HTML 2Page - National Semiconductor (TI) LM2682 Datasheet HTML 3Page - National Semiconductor (TI) LM2682 Datasheet HTML 4Page - National Semiconductor (TI) LM2682 Datasheet HTML 5Page - National Semiconductor (TI) LM2682 Datasheet HTML 6Page - National Semiconductor (TI) LM2682 Datasheet HTML 7Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
LM2682
Switched Capacitor Voltage Doubling Inverter
General Description
The LM2682 is a CMOS charge-pump voltage inverter ca-
pable of converting positive voltage in the range of +2.0V to
+5.5V to the corresponding doubled negative voltage of
−4.0V to −11.0V respectively. The LM2682 uses three low
cost capacitors to provide 10 mA of output current without
the cost, size, and EMI related to inductor based circuits.
With an operating current of only 150 µA and an operating ef-
ficiency greater than 90% with most loads, the LM2682 pro-
vides ideal performance for battery powered systems. The
LM2682 offers a switching frequency of 6 kHz.
Features
n Inverts then doubles input supply voltage
n Small MSOP-8 package (mini SO-8) and SO-8 package
n 90
Ω typical output impedance
n 94% typical power efficiency at 10 mA
Applications
n LCD contrast biasing
n GaAs power amplifier biasing
n Interface power supplies
n Handheld instrumentation
n Laptop computers and PDAs
Typical Operating Circuit and Pin Configuration
Ordering Information
Order Number
Package
Package Number
Package Marking
Supplied As
LM2682MM
MSOP-8
MUA08A
S11A
Tape and Reel (1000 units/reel)
LM2682MMX
MSOP-8
MUA08A
S11A
Tape and Reel (3500 units/reel)
LM2682M
SO-8
M08A
LM2682M
Rail (95 units/rail)
LM2682MX
SO-8
M08A
LM2682M
Tape and Reel (2500 units/reel)
DS100997-1
8-Pin MSOP
or 8-Pin SOIC
DS100997-2
November 1999
© 1999 National Semiconductor Corporation
DS100997
www.national.com


Similar Part No. - LM2682

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2682 TI-LM2682 Datasheet
843Kb / 15P
LM2682 Switched Capacitor Voltage Doubling Inverter
LM2682 TI2-LM2682 Datasheet
958Kb / 16P
LM2682 Switched Capacitor Voltage Doubling Inverter
REVISED MAY 2013
LM2682MM/NOPB TI-LM2682MM/NOPB Datasheet
843Kb / 15P
LM2682 Switched Capacitor Voltage Doubling Inverter
LM2682MM/NOPB TI2-LM2682MM/NOPB Datasheet
958Kb / 16P
LM2682 Switched Capacitor Voltage Doubling Inverter
REVISED MAY 2013
LM2682MM/NOPB.A TI2-LM2682MM/NOPB.A Datasheet
958Kb / 16P
LM2682 Switched Capacitor Voltage Doubling Inverter
REVISED MAY 2013
More results

Similar Description - LM2682

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1261 LINER-LTC1261 Datasheet
310Kb / 16P
Switched Capacitor Regulated Voltage Inverter
LTC1261L LINER-LTC1261L Datasheet
182Kb / 12P
Switched Capacitor Regulated Voltage Inverter
logo
ON Semiconductor
NCP1729 ONSEMI-NCP1729 Datasheet
165Kb / 22P
Switched Capacitor Voltage Inverter
June, 2004 ??Rev. 3
logo
Intersil Corporation
ICL828 INTERSIL-ICL828 Datasheet
78Kb / 7P
Switched-Capacitor Voltage Inverter
June 2000
logo
ON Semiconductor
NCP1729 ONSEMI-NCP1729_06 Datasheet
178Kb / 22P
Switched Capacitor Voltage Inverter
March, 2006 ??Rev. 4
logo
Linear Technology
LTC1261L LINER-LTC1261L_15 Datasheet
2Mb / 14P
Switched Capacitor Regulated Voltage Inverter
LTC1261 LINER-LTC1261_15 Datasheet
483Kb / 18P
Switched Capacitor Regulated Voltage Inverter
logo
Texas Instruments
LM2682 TI-LM2682_15 Datasheet
843Kb / 15P
LM2682 Switched Capacitor Voltage Doubling Inverter
logo
Global Mixed-mode Techn...
G5931 GMT-G5931_15 Datasheet
63Kb / 1P
Switched Capacitor Voltage Inverter
logo
ON Semiconductor
NCP1729 ONSEMI-NCP1729_16 Datasheet
176Kb / 23P
Switched Capacitor Voltage Inverter
February, 2016 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com