Electronic Components Datasheet Search
  English  ▼

X  

DSBT Datasheet(PDF) 2 Page - Nais(Matsushita Electric Works)

Part # DSBT
Description  4,000 V BREAKDOWN VOLTAGE DS RELAYS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

DSBT Datasheet(HTML) 2 Page - Nais(Matsushita Electric Works)

  DSBT Datasheet HTML 1Page - Nais(Matsushita Electric Works) DSBT Datasheet HTML 2Page - Nais(Matsushita Electric Works) DSBT Datasheet HTML 3Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS-BT
193
TYPES AND COIL DATA (at 20°C 68°F)
1) 2 Form C type
2) 2 Form D type
Note: Standard packing Tube: 25 pcs. Case: 1,000 pcs.
Operating
function
Part No.
Coil voltage,
V DC
Pick-up
voltage,
V DC (max.)
Drop-out
voltage,
V DC (min.)
Nominal operating
current,
mA (
±10%)
Coil
resistance,
Ω (±10%)
Nominal
operating
power, mW
Max. allowable
voltage, V DC
(at 50
°C 122°F)
Single side
stable
DSBT2-S-DC1.5V
1.5
1.125
0.15
240
6.25
360
1.95
DSBT2-S-DC3V
3
2.25
0.3
120
25
3.9
DSBT2-S-DC5V
5
3.75
0.5
72
69.4
6.5
DSBT2-S-DC6V
6
4.5
0.6
60
100
7.8
DSBT2-S-DC9V
9
6.75
0.9
40
225
11.7
DSBT2-S-DC12V
12
9
1.2
30
400
15.6
DSBT2-S-DC24V
24
18
2.4
15
1,600
31.2
Operating
function
Part No.
Coil voltage,
V DC
Pick-up
voltage,
V DC (max.)
Drop-out
voltage,
V DC (min.)
Nominal operating
current,
mA (
±10%)
Coil
resistance,
Ω (±10%)
Nominal
operating
power, mW
Max. allowable
voltage, V DC
(at 50
°C 122°F)
Single side
stable
DSBT2-M-2D-DC1.5V
1.5
1.125
0.15
360
4.2
540
1.8
DSBT2-M-2D-DC3V
3
2.25
0.3
180
16.7
3.6
DSBT2-M-2D-DC5V
5
3.75
0.5
108
46.3
6
DSBT2-M-2D-DC6V
6
4.5
0.6
90
66.7
7.2
DSBT2-M-2D-DC9V
9
6.75
0.9
60
150
10.8
DSBT2-M-2D-DC12V
12
9
1.2
45
266.7
14.4
DSBT2-M-2D-DC24V
24
18
2.4
22.5
1,066.7
28.8
DIMENSIONS
mm inch
General tolerance:
±0.3 ± .012
7.62
.300
5.08
.200
5.08
.200
7.62
.300
20.65
.813
0.30
.012
7.82
.308
10.50
.413
9.9
.390
3.4
.134
2
.079
5.6
.220
10.65
.419
0.35
.014
0.6
.024
0.6
.024
0.3
.012
PC board pattern (Bottom view)
Tolerance:
±0.1 ± .004
Schematic (Bottom view)
5.08
.200
5.08
.200
7.62
.300
7.62
.300
8-0.9 dia.
8-.035 dia.
7.82
.308
N.O.
8
9
N.O.
13
COM
16
–
COM
4
N.C.
6
11
N.C.
+
1
REFERENCE DATA
1. Mechanical life test
Tested sample: DSBT2-S-DC5V, 10 pcs.
Coil applied voltage: 5 V DC
Operating frequency: 30 cpm
Change of pick-up and drop-out voltage
Change of contact resistance
No. of operations,
× 104
1000
100
10
0
4
3
2
1
0
Pick-up voltage
Max.
–
x
–
x
Min.
Max.
Min.
Drop-out voltage
–
x
–
x
No. of operations,
× 104
1000
100
10
0
100
10
0
N.C. contact
N.O. contact
Min.
Min.
Max.
Max.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com