Electronic Components Datasheet Search
  English  ▼

X  

DSBT Datasheet(PDF) 3 Page - Nais(Matsushita Electric Works)

Part # DSBT
Description  4,000 V BREAKDOWN VOLTAGE DS RELAYS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

DSBT Datasheet(HTML) 3 Page - Nais(Matsushita Electric Works)

  DSBT Datasheet HTML 1Page - Nais(Matsushita Electric Works) DSBT Datasheet HTML 2Page - Nais(Matsushita Electric Works) DSBT Datasheet HTML 3Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DS-BT
194
2. Electrical life test (resistive)
Tested sample: DSBT2-S-DC12V, 6 pcs.
Condition: 2 A 30 V DC resistive load, 30 cpm
Circuit
N.O.:
No.11–13
N.C.:
No. 4–6
30 V DC
No. of operations,
× 104
5
101520
7
6
5
4
3
2
1
0
Min.
Min.
Max.
Max.
–
x
–
x
Pick-up voltage
Drop-out voltage
No. of operations,
× 104
20
15
10
5
100
10
0
N.C. contact
N.O. contact
Max.
Min.
Min.
–
x
Max.
–
x
3. Coil temperature rise
Tested sample: DSBT2-S-DC12V, 5 pcs.
Measured portion: Inside the coil
4. Operate and release time characteristics
Tested sample: DSBT2-S-DC5V, 10 pcs.
Ambient temperature: 23
°C 73°F
Without diode (T1)
Coil power, mW
200
400
600
800
80
70
60
50
40
30
0
0 A
1 A
2 A
T1: Operate time
T2: Operate bounce
time
T3: Release time
T4: Release bounce
time
Coil
Coil
N.O. contact
N.C. contact
T1
T2
T3
T4
80
100
120
6
5
4
3
2
1
0
Coil applied voltage, %V
Without diode (T2)
Without diode (T3)
Without diode (T4)
Coil applied voltage, %V
1.5
1.0
0.5
0
120
100
80
Measured terminals: 9-13
Measured terminals: 4-8
Coil applied voltage, %V
6
5
4
3
2
1
0
120
100
80
Coil applied voltage, %V
1.5
1.0
0.5
0
120
100
80
Measured terminals: 4-6
Measured terminals: 11-13
5. Distribution of pick-up and drop-out voltage
Tested sample: DSBT2-S-DC5V, 50 pcs.
Pick-up voltage
Drop-out voltage
6. Distribution of breakdown voltage
(between contacts and coil)
Tested sample: DSBT2-S-DC5V, 100 pcs.
20
10
Pick-up voltage, V
5.0
4.5
4.0
3.5
3.0
2.5
2.0
Specified value: Less than 3.75 V DC
Mean value (x): 3.22 V DC
Max.: 3.69 V DC
Min.: 2.65 V DC
–
–
Specified value: More than 0.50 V DC
Mean value (x): 1.65 V DC
Max.: 2.23 V DC
Min.: 0.78 V DC
20
10
3.0
2.5
2.0
1.5
1.0
0.5
0
Drop-out voltage, V
–
Mean: AC 5169 V
Max.: AC 5800 V
Min.: AC 4700 V
10
0
20
30
40
AC 6000
AC 5000
AC 4000
Breakdown voltage, V AC
For Cautions for Use, see Relay Technical Information
9/1/2000
All Rights Reserved, © Copyright Matsushita Electric Works, Ltd.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com