Electronic Components Datasheet Search
  English  ▼

X  

NCD1015ZP Datasheet(PDF) 4 Page - IXYS Corporation

Part # NCD1015ZP
Description  Energy Harvesting Battery-Free Wireless Power
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

NCD1015ZP Datasheet(HTML) 4 Page - IXYS Corporation

  NCD1015ZP Datasheet HTML 1Page - IXYS Corporation NCD1015ZP Datasheet HTML 2Page - IXYS Corporation NCD1015ZP Datasheet HTML 3Page - IXYS Corporation NCD1015ZP Datasheet HTML 4Page - IXYS Corporation NCD1015ZP Datasheet HTML 5Page - IXYS Corporation NCD1015ZP Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
NCD1015ZP
4
www.ixysic.com
R02
2. Functional Overview and Description
2.1 Overview
The reader and the pre-programmed NCD1015ZP
transponder comprise the two elements of a
half-duplex wireless communications system
operating in a sequential mode with time-separated
power and data transmission cycles. Power transfer to
the transponder (tag) is accomplished by
electromagnetic coupling of the transponder and
reader antennae.
2.2 Power Transfer
As shown below in Figure 1, an activation field
sourced by the reader supplies power to the
transponder at the beginning of a read request. The
reader generates an electromagnetic field for 50 ms
using an activation frequency of 134.2 kHz to energize
the resonant circuit of the transponder. During this
Powering Phase, circuitry within the transponder
rectifies the induced voltage to charge an internal
storage capacitor. Energy held by the storage
capacitor provides the means by which the
transponder transmits it’s stored data. The reader
terminates the activation field to indicate it is ready to
receive data from the transponder.
Figure 1: Activation and Read Phases: Voltage at
the Reader’s Exciter and Transponder Coils
2.3 Communication Interface - Tag to Reader
Frequency Shift Keying (FSK) modulation is employed
by the NCD1015ZP to transmit the stored data
immediately after detecting the end of the reader’s
activation field. As can be seen in Figure 1, the tag’s
transmit (Response phase) directly follows the
Powering phase.
Transfer of the stored digital information is
accomplished by using two discrete frequencies, one
for a logic “1” (High) and another for a logic “0” (Low).
The nominal frequencies used for data transmission
are:
• f1 = 124.2kHz is for logic high data encoding
• f0 = 134.2kHz is for logic low data encoding
2.3.1 Data Bit Structure
Data bits are transmitted as 16 cycles of their
respective frequency. Because a logic high (1) data bit
uses a lower frequency than that for a logic low (0), the
duration of a 1 bit is longer than a 0 bit. The duration
for logic 1 and logic 0 bits is given below.
• td1 = 16/f1 = 16/124.2kHz = 128.8us
• td0 = 16/f0 = 16/134.2kHz = 119.2us
Figure 2 illustrates the FSK encoding principle used to
transmit the stored data.
Figure 2: FSK Transmission Used During the
Read Phase
2.3.2 Transponder Data Rate and Data Coding
The data coding is based on the NRZ method thus
achieving an average data rate of ~8kbit/s based on
an equal distribution of '0' and '1' data bits.
2.3.3 Completion of Transmission
Following the output of the last bit, the transponder
deactivates.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com