Electronic Components Datasheet Search
  English  ▼

X  

NCD1015ZP Datasheet(PDF) 5 Page - IXYS Corporation

Part # NCD1015ZP
Description  Energy Harvesting Battery-Free Wireless Power
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

NCD1015ZP Datasheet(HTML) 5 Page - IXYS Corporation

  NCD1015ZP Datasheet HTML 1Page - IXYS Corporation NCD1015ZP Datasheet HTML 2Page - IXYS Corporation NCD1015ZP Datasheet HTML 3Page - IXYS Corporation NCD1015ZP Datasheet HTML 4Page - IXYS Corporation NCD1015ZP Datasheet HTML 5Page - IXYS Corporation NCD1015ZP Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
NCD1015ZP
R02
www.ixysic.com
5
2.4 Transmission Protocol
2.4.1 Transponder - Response Data Format
An RFID answer by the NCD1015ZP contains a
Header, the identification DATA, a CRC value, and a
Trailer.
Framed as shown below in Figure 3 the transmitted
signal has a fixed length of 128 bits. The Header
consists of a16-bit Pre-Bits leader followed by an 8-bit
Start byte. Following the CRC error checking value is
the Trailer consisting of an 8-bit Stop byte followed by
the 16-bit Post.
Depending on the value of the sixteenth Data bit,
logical data address [48], the Stop byte value
changes. When the identification data stored in the
NCD1050ZP complies with ISO 11784, data bit 16 as
defined in ISO 11784 will be 0 and the Stop byte value
will be 0x7E. For identification data not compliant with
ISO 11784 the Stop byte value will be determined by
the value stored in the sixteenth bit of the data.
The Data, CRC, Stop and Post data will be transmitted
starting with the LSB and ending with the MSB.
Figure 3: Tag Response Frame Format
All signals are coded [MSB:LSB].
• Pre-Bits [15:0] . . . = 0x0000
• Start Byte [7:0] . . = 0x7E
• Data [63:0] . . . . . = Data
• CRC [15:0] . . . . . = Data CRC
• Stop Byte [7:0] . . = 0x7E - Data bit 16 = 0
‡
• Stop Byte [7:0] . . = 0x1E - Data bit 16 = 1‡
• Post Bits [15:0] . . = 0x0000
‡ Data bit position as defined in ISO 11784
2.4.2 CRC - CCITT Error Checking
The CRC generator circuitry creates a 16 bit CRC to
ensure the integrity of the data packets received by the
transponder. The reader and transponder use the
CRC-CCITT (Consultative Committee for International
Telegraph and Telephone) algorithm for error
detection.
The 16-bit cyclic redundancy code is calculated using
the following polynomial:
P(X) = x16 + x12 + x5 + x0
The implemented version of the CRC check has the
following characteristics:
• Reverse CRC-CCITT 16 as described in
ISO/IEC 13239 and used in ISO/IEC
11784/11785.
• The CRC 16-bit shift register is initialized to all
zeros (0x0000).
• The incoming data bits are XOR-ed with the
MSB of the CRC register and is shifted into the
register's LSB.
• After all data bits have been processed, the
CRC register contains the CRC-16 code.
• Reversibility - The original data, together with
associated CRC, when fed back into the same
CRC generator will regenerate the initial value
(all zero's).
Figure 4: Schematic Diagram of the 16-Bit CRC-CCITT Generator
Pre-Bits
Start
Data
CRC
Stop
Post
1
16
17
24
25
88
89 (LSB)
104
105
112
113
128
P (X) =
X0X1
X2X3
X4
X5
X6
X7X8
X9X10 X11
X12 X13 X14 X15
MSB
Data in
LSB



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com