Electronic Components Datasheet Search
  English  ▼

X  

PLB171P Datasheet(PDF) 3 Page - IXYS Corporation

Part # PLB171P
Description  Single-Pole, Normally Closed
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

PLB171P Datasheet(HTML) 3 Page - IXYS Corporation

  PLB171P Datasheet HTML 1Page - IXYS Corporation PLB171P Datasheet HTML 2Page - IXYS Corporation PLB171P Datasheet HTML 3Page - IXYS Corporation PLB171P Datasheet HTML 4Page - IXYS Corporation PLB171P Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
INTEGRATED CIRCUITS DIVISION
PLB171
www.ixysic.com
3
R02
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application
department.
Temperature (ºC)
-40
-20
0
20
40
60
80
100
1.0
1.1
1.2
1.3
1.4
1.5
1.6
LED Forward Voltage Drop
vs. Temperature
I
L=10mA
I
L=5mA
I
L=2mA
I
L=50mA
I
L=25mA
LED Forward Current (mA)
0
5
10
15
20
25
30
0.0
0.5
1.0
1.5
2.0
Turn-On Time
vs. LED Forward Current
(I
L=80mA)
LED Forward Current (mA)
0
5
10
15
20
25
30
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
Turn-Off Time vs. LED Forward Current
(I
L=80mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.00
0.25
0.50
0.75
LED Current to Activate
vs. Temperature
Activate
Deactivate
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Turn-On Time vs. Temperature
(I
L=55mA)
I
F=2mA
I
F=5mA
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Turn-Off Time vs. Temperature
(I
L=55mA)
I
F=2mA
I
F=5mA
Temperature (ºC)
-40
-20
0
20
40
60
80
100
20
30
40
50
60
70
80
90
100
On-Resistance vs. Temperature
(I
F=0mA)
I
L=80mA
I
L=2mA
Load Voltage (V)
-4
-3
-2
-1
0
1
2
3
4
-120
-80
-40
0
40
80
120
Load Current vs. Load Voltage
(I
F=0mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0
20
40
60
80
100
Maximum Load Current
vs. Temperature
Temperature (ºC)
-40
-20
0
20
40
60
80
100
800
850
900
950
1000
1050
1100
Typical Blocking Voltage
vs. Temperature
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0
20
40
60
80
100
Typical Leakage Current
vs. Temperature
Load Voltage (V
DC)
0
5
10
15
20
0
10
20
30
40
50
60
70
80
90
Output Capacitance
vs. Load Voltage
(I
F=2mA)
PERFORMANCE DATA @25ºC (Unless Otherwise Noted)*



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com