Electronic Components Datasheet Search
  English  ▼

X  

PLB171P Datasheet(PDF) 5 Page - IXYS Corporation

Part # PLB171P
Description  Single-Pole, Normally Closed
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

PLB171P Datasheet(HTML) 5 Page - IXYS Corporation

  PLB171P Datasheet HTML 1Page - IXYS Corporation PLB171P Datasheet HTML 2Page - IXYS Corporation PLB171P Datasheet HTML 3Page - IXYS Corporation PLB171P Datasheet HTML 4Page - IXYS Corporation PLB171P Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
INTEGRATED CIRCUITS DIVISION
Specification: DS-PLB171-R02
©Copyright 2016, IXYS Integrated Circuits Division
OptoMOS® is a registered trademark of IXYS Integrated Circuits Division
All rights reserved. Printed in USA.
3/18/2016
For additional information please visit our website at: www.ixysic.com
PLB171
5
IXYS Integrated Circuits Division makes no representations or warranties with respect to the accuracy or completeness of the contents of this publication and reserves the right to make
changes to specifications and product descriptions at any time without notice. Neither circuit patent licenses nor indemnity are expressed or implied. Except as set forth in IXYS Integrated
Circuits Division’s Standard Terms and Conditions of Sale, IXYS Integrated Circuits Division assumes no liability whatsoever, and disclaims any express or implied warranty, relating to
its products including, but not limited to, the implied warranty of merchantability, fitness for a particular purpose, or infringement of any intellectual property right.
The products described in this document are not designed, intended, authorized or warranted for use as components in systems intended for surgical implant into the body, or in other
applications intended to support or sustain life, or where malfunction of IXYS Integrated Circuits Division’s product may result in direct physical harm, injury, or death to a person or severe
property or environmental damage. IXYS Integrated Circuits Division reserves the right to discontinue or make changes to its products at any time without notice.
Notes:
1. Coplanarity = 0.102mm (0.004”) MAX
2. Leadframe thickness does not include solder
plating (1000 microinches MAX)
3. Sum of package height, standoff, and coplanarity
shall not exceed 2.286mm (0.090”)
9.398 ± 0.127
(0.370 ± 0.005)
6.350 ± 0.127
(0.250 ± 0.005)
2.540 ± 0.127
(0.100 ± 0.005)
7.620 TYP
(0.300) TYP
7.620 ± 0.254
(0.300 ± 0.010)
2.286 MAX
(0.090) MAX
See Note 3
0.203 ± 0.025
(0.008 ± 0.001)
0.635 ± 0.127
(0.025 ± 0.005)
9.652 ± 0.381
(0.380 ± 0.015)
0.457 ± 0.076
(0.018 ± 0.003)
Recommended PCB Land Pattern
Dimensions
mm
(inches)
2.54
(0.10)
8.70
(0.3425)
1.55
(0.0610)
0.65
(0.0255)
7.62
(0.30)
2.159 ± 0.025
(0.085 ± 0.001)
Pin 1
0.864 ± 0.102
(0.034 ± 0.004)
Leadframe
to package
standoff
MIN=0.000
MAX=0.102
(0.004)
Dimensions
mm
(inches)
NOTES:
1. All dimensions carry tolerances of EIA Standard 481-2
2. The tape complies with all “Notes” for constant dimensions listed on page 5 of EIA-481-2
Embossment
Embossed Carrier
Top Cover
Tape Thickness
0.102 MAX.
(0.004 MAX.)
330.2 DIA.
(13.00 DIA.)
User Direction of Feed
P = 12.00
(0.472)
W = 16.00
(0.63)
Bo = 10.30
(0.406)
Ao = 10.30
(0.406)
K
1 = 2.00
(0.079)
K
0 = 2.70
(0.106)
7.50
(0.295)
2.00
(0.079)
4.00
(0.157)
PLB171PTR Tape & Reel
PLB171P
Mechanical Dimensions



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com