Electronic Components Datasheet Search
  English  ▼

X  

LM2698 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2698
Description  SIMPLE SWITCHER 1.35A Boost Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2698 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LM2698 Datasheet HTML 9Page - National Semiconductor (TI) LM2698 Datasheet HTML 10Page - National Semiconductor (TI) LM2698 Datasheet HTML 11Page - National Semiconductor (TI) LM2698 Datasheet HTML 12Page - National Semiconductor (TI) LM2698 Datasheet HTML 13Page - National Semiconductor (TI) LM2698 Datasheet HTML 14Page - National Semiconductor (TI) LM2698 Datasheet HTML 15Page - National Semiconductor (TI) LM2698 Datasheet HTML 16Page - National Semiconductor (TI) LM2698 Datasheet HTML 17Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
Application Information (Continued)
3.3V SEPIC
The LM2698 can be used to implement a SEPIC technology.
The advantages of the SEPIC topology are that it can step
up or step down an input voltage, and it has low input current
ripple.
The conversion ratio for the SEPIC is :
where
D’ = 1−D
Solving for D yeilds:
To avoid subharmonic oscillations, it is recommended that
inductors L1 and L2 be the same inductance. Currents con-
ducted by the inductors are:
I
1 =IOUT(VOUT/VIN)
∆i
1 =VIND/(2*L1*fs)
I
2 =IOUT
∆i
1 =VIND/(2*L2*fs)
The switch sees a maximum current of I
1 +I2 + ∆i1 + ∆i2.If
L1 = L2 = L, the maximum switch current is given by:
I
OUT(1+VOUT/VIN)+VIND/(L*fs)
The maximum load current is limited by this relationship to
the switch current.
The polarity of C
SEPIC will change between each cycle, so a
ceramic capacitor should be used here. A high quality, low
ESR capacitor will directly improve efficiency because all the
load current passes through C
SEPIC.
C
IN should be chosen using the same relationship as in the
boost converter (see the C
IN section). CIN must be able to
provide the necessary RMS current.
20012631
FIGURE 7. 3.3V SEPIC Converter
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com