Electronic Components Datasheet Search
  English  ▼

X  

LM2698 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2698
Description  SIMPLE SWITCHER 1.35A Boost Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2698 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LM2698 Datasheet HTML 9Page - National Semiconductor (TI) LM2698 Datasheet HTML 10Page - National Semiconductor (TI) LM2698 Datasheet HTML 11Page - National Semiconductor (TI) LM2698 Datasheet HTML 12Page - National Semiconductor (TI) LM2698 Datasheet HTML 13Page - National Semiconductor (TI) LM2698 Datasheet HTML 14Page - National Semiconductor (TI) LM2698 Datasheet HTML 15Page - National Semiconductor (TI) LM2698 Datasheet HTML 16Page - National Semiconductor (TI) LM2698 Datasheet HTML 17Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
Application Information (Continued)
Level-Shifted SEPIC
The circuit shown in
Figure 8 is similar to the SEPIC shown
in
Figure 7, except that it is level shifted to provide a negative
output voltage. This is achieved by connecting the ground of
the LM2698 to the output. The circuit analysis for the
level-shifted SEPIC is the same as the SEPIC. The voltage
at the input of the LM2698 will need to be clamped if the
absolute value of the output voltage plus the input voltage
exceeds 12V, the absolute maximum rating for the V
IN pin.
The simplest way to do this is with a zener diode, as shown
in
Figure 8. Likewise, if the FSLCT pin is pulled high to
operate at 1.25 MHz, its voltage must not exceed 12V. To
prevent any high frequency noise from entering the
LM2698’s internal circuitry, a high frequency bypass capaci-
tor must be placed as close to pin 6 as possible. A good
choice for this capacitor is a 0.1µF ceramic capacitor.
Power Dissipation
The output power of the LM2698 is limited by its maximum
power dissipation. The maximum power dissipation is deter-
mined by the formula
P
D =(Tjmax -TA)/θJA
where T
jmax is the maximum specified junction temperature
(125˚C), T
A is the ambient temperature, and θJA is the ther-
mal resistance of the package.
θ
JA is dependant on the
layout of the board as shown below.
20012611
20012612
20012643
FIGURE 8. Level-Shifted SEPIC Converter
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com