Electronic Components Datasheet Search
  English  ▼

X  

HC541A Datasheet(PDF) 2 Page - ON Semiconductor

Part # HC541A
Description  Octal 3-State Noninverting Buffer/Line Driver/Line Receiver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

HC541A Datasheet(HTML) 2 Page - ON Semiconductor

  HC541A Datasheet HTML 1Page - ON Semiconductor HC541A Datasheet HTML 2Page - ON Semiconductor HC541A Datasheet HTML 3Page - ON Semiconductor HC541A Datasheet HTML 4Page - ON Semiconductor HC541A Datasheet HTML 5Page - ON Semiconductor HC541A Datasheet HTML 6Page - ON Semiconductor HC541A Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MC74HC541A
http://onsemi.com
2
MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage
−0.5 to +7.0
V
VI
DC Input Voltage
−0.5
≤ VI ≤ VCC + 0.5
V
VO
DC Output Voltage (Note 1)
−0.5
≤ VO ≤ VCC + 0.5
V
IIK
DC Input Diode Current
±20
mA
IOK
DC Output Diode Current
±35
mA
IO
DC Output Sink Current
±35
mA
ICC
DC Supply Current per Supply Pin
±75
mA
IGND
DC Ground Current per Ground Pin
±75
mA
TSTG
Storage Temperature Range
−65 to +150
_C
TL
Lead Temperature, 1 mm from Case for 10 Seconds
260
_C
TJ
Junction Temperature under Bias
+150
_C
qJA
Thermal Resistance
SOIC
TSSOP
96
128
_C/W
PD
Power Dissipation in Still Air at 85
_C
SOIC
TSSOP
500
450
mW
MSL
Moisture Sensitivity
Level 1
FR
Flammability Rating
Oxygen Index: 30% − 35%
UL 94 V−0 @ 0.125 in
VESD
ESD Withstand Voltage
Human Body Model (Note 2)
Machine Model (Note 3)
Charged Device Model (Note 4)
> 4000
> 300
> 1000
V
ILatchup
Latchup Performance
Above VCC and Below GND at 85_C (Note 5)
±300
mA
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. IO absolute maximum rating must be observed.
2. Tested to EIA/JESD22−A114−A.
3. Tested to EIA/JESD22−A115−A.
4. Tested to JESD22−C101−A.
5. Tested to EIA/JESD78.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
DC Supply Voltage
(Referenced to GND)
2.0
6.0
V
VIN,
VOUT
DC Input Voltage, Output Voltage
(Referenced to GND)
0
VCC
V
TA
Operating Temperature Range, All Package Types
−55
+125
_C
tr, tf
Input Rise/Fall Time
VCC = 2.0 V
(Figure 2)
VCC = 4.5 V
VCC = 6.0 V
0
0
0
1000
500
400
ns
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond
the Recommended Operating Ranges limits may affect device reliability.
6. Unused inputs may not be left open. All inputs must be tied to a high−logic voltage level or a low−logic input voltage level.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com