Electronic Components Datasheet Search
  English  ▼

X  

HC541A Datasheet(PDF) 3 Page - ON Semiconductor

Part # HC541A
Description  Octal 3-State Noninverting Buffer/Line Driver/Line Receiver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

HC541A Datasheet(HTML) 3 Page - ON Semiconductor

  HC541A Datasheet HTML 1Page - ON Semiconductor HC541A Datasheet HTML 2Page - ON Semiconductor HC541A Datasheet HTML 3Page - ON Semiconductor HC541A Datasheet HTML 4Page - ON Semiconductor HC541A Datasheet HTML 5Page - ON Semiconductor HC541A Datasheet HTML 6Page - ON Semiconductor HC541A Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MC74HC541A
http://onsemi.com
3
DC CHARACTERISTICS (Voltages Referenced to GND)
Guaranteed Limit
Symbol
Parameter
Condition
VCC
V
−55 to
25
_C
≤85_C
≤125_C
Unit
VIH
Minimum High−Level Input Voltage
VOUT = 0.1 V
|IOUT| ≤ 20 mA
2.0
3.0
4.5
6.0
1.50
2.10
3.15
4.20
1.50
2.10
3.15
4.20
1.50
2.10
3.15
4.20
V
VIL
Maximum Low−Level Input Voltage
VOUT = VCC − 0.1 V
|IOUT| ≤ 20 mA
2.0
3.0
4.5
6.0
0.50
0.90
1.35
1.80
0.50
0.90
1.35
1.80
0.50
0.90
1.35
1.80
V
VOH
Minimum High−Level Output Voltage
VIN = VIL
|IOUT| ≤ 20 mA
2.0
4.5
6.0
1.9
4.4
5.9
1.9
4.4
5.9
1.9
4.4
5.9
V
VIN = VIL
|IOUT| ≤ 3.6 mA
|IOUT| ≤ 6.0 mA
|IOUT| ≤ 7.8 mA
3.0
4.5
6.0
2.48
3.98
5.48
2.34
3.84
5.34
2.20
3.70
5.20
VOL
Maximum Low−Level Output Voltage
VIN = VIH
|IOUT| ≤ 20 mA
2.0
4.5
6.0
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
V
VIN = VIH
|IOUT| ≤ 3.6 mA
|IOUT| ≤ 6.0 mA
|IOUT| ≤ 7.8 mA
3.0
4.5
6.0
0.26
0.26
0.26
0.33
0.33
0.33
0.40
0.40
0.40
IIN
Maximum Input Leakage Current
VIN = VCC or GND
6.0
±0.1
±1.0
±1.0
mA
IOZ
Maximum 3−State Leakage Current
Output in High Impedance State
VIN = VIL or VIH
VOUT = VCC or GND
6.0
±0.5
±5.0
±10.0
mA
ICC
Maximum Quiescent Supply
Current (per Package)
VIN = VCC or GND
IOUT = 0 mA
6.0
4
40
160
mA
AC CHARACTERISTICS (CL = 50 pF, Input tr = tf = 6 ns)
Guaranteed Limit
Symbol
Parameter
VCC
V
−55 to
25
_C
≤85_C
≤125_C
Unit
tPLH,
tPHL
Maximum Propagation Delay, Input A to Output Y
(Figures 2 and 4)
2.0
3.0
4.5
6.0
80
30
18
15
100
40
23
20
120
55
28
25
ns
tPLZ,
tPHZ
Maximum Propagation Delay, Output Enable to Output Y
(Figures 3 and 5)
2.0
3.0
4.5
6.0
110
45
25
21
140
60
31
26
165
75
38
31
ns
tPZL,
tPZH
Maximum Propagation Delay, Output Enable to Output Y
(Figures 3 and 5)
2.0
3.0
4.5
6.0
110
45
25
21
140
60
31
26
165
75
38
31
ns
tTLH,
tTHL
Maximum Output Transition Time, Any Output
(Figures 2 and 4)
2.0
3.0
4.5
6.0
60
22
12
10
75
28
15
13
90
34
18
15
ns
CIN
Maximum Input Capacitance
10
10
10
pF
COUT
Maximum 3−State Output Capacitance (High Impedance State Output)
15
15
15
pF
Typical @ 25
°C, VCC = 5.0 V, VEE = 0 V
CPD
Power Dissipation Capacitance (Per Buffer) (Note 7)
35
pF
7. Used to determine the no−load dynamic power consumption: PD = CPD VCC2f + ICC VCC.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com