Electronic Components Datasheet Search
  English  ▼

X  

REF3333AIRSER Datasheet(PDF) 31 Page - Texas Instruments

Part # REF3333AIRSER
Description  SC70-3, SOT-23-3, and UQFN-8, 30-ppm Drift Voltage Reference
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF3333AIRSER Datasheet(HTML) 31 Page - Texas Instruments

Back Button REF3333AIRSER Datasheet HTML 27Page - Texas Instruments REF3333AIRSER Datasheet HTML 28Page - Texas Instruments REF3333AIRSER Datasheet HTML 29Page - Texas Instruments REF3333AIRSER Datasheet HTML 30Page - Texas Instruments REF3333AIRSER Datasheet HTML 31Page - Texas Instruments REF3333AIRSER Datasheet HTML 32Page - Texas Instruments REF3333AIRSER Datasheet HTML 33Page - Texas Instruments REF3333AIRSER Datasheet HTML 34Page - Texas Instruments REF3333AIRSER Datasheet HTML 35Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 31 / 35 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
2X (0.6)
2X (0.3)
2X
(0.2)
0.07 MIN
ALL AROUND
0.07 MAX
ALL AROUND
6X (0.55)
4X (0.25)
4X (0.5)
(1.35)
(1.3)
(R
) TYP
0.05
UQFN - 0.6 mm max height
RSE0008A
PLASTIC QUAD FLATPACK - NO LEAD
4220323/A 03/2016
SYMM
1
3
5
8
SYMM
LAND PATTERN EXAMPLE
SCALE:30X
4
7
NOTES: (continued)
3. For more information, see Texas Instruments literature number SLUA271 (www.ti.com/lit/slua271).
METAL
SOLDER MASK
OPENING
SOLDER MASK DETAILS
NOT TO SCALE
NON SOLDER MASK
DEFINED
(PREFERRED)
SOLDER MASK
OPENING
METAL
UNDER
SOLDER MASK
SOLDER MASK
DEFINED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com