Electronic Components Datasheet Search
  English  ▼

X  

REF3333AIRSER Datasheet(PDF) 15 Page - Texas Instruments

Part # REF3333AIRSER
Description  SC70-3, SOT-23-3, and UQFN-8, 30-ppm Drift Voltage Reference
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF3333AIRSER Datasheet(HTML) 15 Page - Texas Instruments

Back Button REF3333AIRSER Datasheet HTML 11Page - Texas Instruments REF3333AIRSER Datasheet HTML 12Page - Texas Instruments REF3333AIRSER Datasheet HTML 13Page - Texas Instruments REF3333AIRSER Datasheet HTML 14Page - Texas Instruments REF3333AIRSER Datasheet HTML 15Page - Texas Instruments REF3333AIRSER Datasheet HTML 16Page - Texas Instruments REF3333AIRSER Datasheet HTML 17Page - Texas Instruments REF3333AIRSER Datasheet HTML 18Page - Texas Instruments REF3333AIRSER Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 35 page
background image
_
3dB A1
6
2
1
f
R
2
C
2
S
§
·
˜
˜
˜
¨
¸
©
¹
3dB_A1+
8
1
1
f
2
R
C
S
˜
˜
˜
2
DIFF_MAX
IN_MAX
1
R
V
V
2 R
§
·
¨
¸
˜
©
¹
||
2
3
DIFF_MAX
IN_MAX
1
R
R
A1+
V
V
R
§
·
¨
¸
©
¹
||
2
3
DIFF
IN
1
R
R
V
V
R
§
·
¨
¸
©
¹
3
7
REF
REF
REF
2
3
6
7
R
R
1
V
V
V
R
R
R
R
2
§
·
§
·
¨
¸
¨
¸
©
¹
©
¹
15
REF3312, REF3318, REF3320, REF3325, REF3330, REF3333
www.ti.com
SBOS392F – AUGUST 2007 – REVISED NOVEMBER 2016
Product Folder Links: REF3312 REF3318 REF3320 REF3325 REF3330 REF3333
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
Typical Applications (continued)
(1)
Over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted).
When the ratio of R3 and R2 equals the ratio of R7 and R6, Equation 8 simplifies to Equation 10.
That is, if:
(9)
Then:
(10)
Determine the ratio of R1, R2, and R3 by setting A1+ equal to the maximum VDIFF for a full-scale positive or
negative input voltage, VIN_MAX, as shown in Equation 11:
(11)
R2 equals R3; therefore, Equation 11 simplifies to R2 / 2, resulting in Equation 12:
(12)
10.2.1.2.3
Input Filtering
Both inputs feature first-order, low-pass, antialiasing filters that limit the bandwidth and noise of the input signals
applied to the ADC. The A1+ filter is formed by R8 and C1 and the equation for the –3-dB cutoff frequency is
shown in Equation 13:
(13)
The A1– input filter is formed by C2 and the parallel combination of the R6 and R7 resistors, as shown in
Equation 14:
(14)
10.2.1.2.4
Component Selection
10.2.1.2.4.1
Voltage References
The REF33xx series of precision low-power voltage references pair well with the low power consumption of the
MSP430, while achieving the target accuracy goals. The 16-bit converter in the MSP430F2013 accepts an
external reference voltage from 1 V to 1.5 V with a typical reference input of 1.25 V, as shown in Table 1.
Table 1. SD16_A, External Reference Input (MSP430F20x3)(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VREF(I)
Input voltage range
VCC = 3 V, SD16REFON = 0
1
1.25
1.5
V
IREF(I)
Input current
VCC = 3 V, SD16REFON = 0
50
nA
The REF3312 provides the desired 1.25-V reference voltage for the MSP430 ADC. The accuracy of the
REF3312 output, shown in the Electrical Characteristics, directly affects the accuracy of the entire system and
must be less than the desired unadjusted error goals. The REF3312 maximum ±0.15% initial accuracy
specification is equal to the unadjusted error design goal of 0.15%, indicating that most of the error budget in this
design must be devoted to the reference accuracy.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com