Electronic Components Datasheet Search
  English  ▼

X  

TAS2557 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TAS2557
Description  5.7-W Class-D Mono Audio Amplifier with Class-H Boost and Speaker Sense
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS2557 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TAS2557 Datasheet HTML 4Page - Texas Instruments TAS2557 Datasheet HTML 5Page - Texas Instruments TAS2557 Datasheet HTML 6Page - Texas Instruments TAS2557 Datasheet HTML 7Page - Texas Instruments TAS2557 Datasheet HTML 8Page - Texas Instruments TAS2557 Datasheet HTML 9Page - Texas Instruments TAS2557 Datasheet HTML 10Page - Texas Instruments TAS2557 Datasheet HTML 11Page - Texas Instruments TAS2557 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 110 page
background image
8
TAS2557
SLASEC2 – NOVEMBER 2016
www.ti.com
Product Folder Links: TAS2557
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
VBAT = 3.6V, AVDD = DVDD = IOVDD = 1.8 V, RESET = IOVDD, Gain = 16.4 dB, ERC = 14ns, Boost Inductor = 2.2 µH, RL =
8 Ω + 33 µH, 1-kHz input frequency, 48- kHz sample rate for digital input, Class-H Boost Enabled, TA= 25°C, ILIM = 3 A
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CURRENT SENSE
Current Sense Full Scale
Peak current which will give full scale
digital output 8-Ω load
1.25
APEAK
Peak current which will give full scale
digital output 6-Ω load
1.48
Peak current which will give full scale
digital output 4-Ω load
1.76
Current Sense Accuracy
IOUT = 354 mARMS (1 W)
1
%
VOLTAGE SENSE
Voltage Sense Full Scale
Peak voltage which will give full scale
digital output
8.5
VPEAK
Voltage Sense Accuracy
VOUT = 2.83 Vrms (1 W)
1
%
INTERFACE
Voltage and Current Sense Data Rate
TDM/I2S
48
kHz
Voltage and Current Sense ADC OSR TDM/I2S
64
OSR
FMCLK
MCLK frequency
0.512
49.15
MHz
POWER CONSUMPTION
Power Consumption with Digital Input
and Speaker Protection Disabled
(ROM MODE 1)
From VBAT, PLL off, no signal
3
mA
From AVDD, PLL off, no signal
1.7
mA
From DVDD, PLL off, no signal
3.9
mA
Power Consumption with Digital Input
and Speaker Protection Enabled
From VBAT, PLL on, no signal
3
mA
From AVDD, PLL on, no signal
3.4
mA
From DVDD, PLL on, no signal
20
mA
Power Consumption in Hardware
Shutdown
From VBAT, /RESET = 0
0.1
µA
From AVDD, /RESET = 0
0.2
µA
From DVDD, /RESET = 0
1
µA
Power Consumption in Software
Shutdown See Low Power Sleep
From VBAT
0.1
µA
From AVDD
0.1
µA
From DVDD
9.7
µA
DIGITAL INPUT / OUTPUT
VIH
High-level digital input voltage
All digital pins except SDA and SCL,
IOVDD = 1.8-V operation
0.65 ×
IOVDD
V
VIL
Low-level digital input voltage
0.35 ×
IOVDD
V
VIH
High-level digital input voltage
All digital pins except SDA and SCL,
IOVDD = 3.3-V operation
2
V
VIL
Low-level digital input voltage
0.45
V
VOH
High-level digital output voltage
All digital pins except SDA and SCL,
IOVDD = 1.8-V operation For IOL = 2 mA
and IOH = –2 mA
IOVDD –
0.45
V
VOL
Low-level digital output voltage
0.45
V
VOH
High-level digital output voltage
All digital pins except SDA and SCL,
IOVDD = 3.3-V operation For IOL = 2 mA
and IOH = –2 mA
2.4
V
VOL
Low-level digital output voltage
0.4
V
IIH
High-level digital input leakage current Input = IOVDD
–5
0.1
5
µA
IIL
Low-level digital input leakage current
Input = Ground
–5
0.1
5
µA
MISCELLANEOUS
TTRIP
Thermal Trip Point
140
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com